Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC12FIM04DCL030PVC Datasheet(PDF) 12 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12FIM04DCL030PVC
Description  M12 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM04DCL030PVC Datasheet(HTML) 12 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12FIM04DCL030PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 14Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 15Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 16Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
177 Circular Automation Connectors
PXPPVC12RAM12ACL010PVC
PXPTPU12RAM12ACL010PUR
PXPPVC12RAM12ACL020PVC
PXPTPU12RAM12ACL020PUR
PXPPVC12RAM12ACL030PVC
PXPTPU12RAM12ACL030PUR
PXPPVC12RAM12ACL050PVC
PXPTPU12RAM12ACL050PUR
PXPPVC12RAM12ACL100PVC
PXPTPU12RAM12ACL100PUR
PXPPVC12RAM12ACL150PVC
PXPTPU12RAM12ACL150PUR
PXPPVC12RAM05BCL010PVC
PXPTPU12RAM05BCL010PUR
PXPPVC12RAM05BCL020PVC
PXPTPU12RAM05BCL020PUR
PXPPVC12RAM05BCL030PVC
PXPTPU12RAM05BCL030PUR
PXPPVC12RAM05BCL050PVC
PXPTPU12RAM05BCL050PUR
PXPPVC12RAM05BCL100PVC
PXPTPU12RAM05BCL100PUR
PXPPVC12RAM05BCL150PVC
PXPTPU12RAM05BCL150PUR
PXPPVC12RAM04DCL010PVC
PXPTPU12RAM04DCL010PUR
PXPPVC12RAM04DCL020PVC
PXPTPU12RAM04DCL020PUR
PXPPVC12RAM04DCL030PVC
PXPTPU12RAM04DCL030PUR
PXPPVC12RAM04DCL050PVC
PXPTPU12RAM04DCL050PUR
PXPPVC12RAM04DCL100PVC
PXPTPU12RAM04DCL100PUR
PXPPVC12RAM04DCL150PVC
PXPTPU12RAM04DCL150PUR
Part No.
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
D
D
D
D
D
D
D
D
Poles
Code
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Termination
Cable Material
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
Circular Automation Connectors
M12 Series
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
Lead Length
12
12
12
12
12
12
12
12
12
12
12
12
05
05
05
05
05
05
05
05
05
05
05
05
04
04
04
04
04
04
04
04
04
04
04
04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com