Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC12FIM04DCL030PVC Datasheet(PDF) 16 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12FIM04DCL030PVC
Description  M12 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM04DCL030PVC Datasheet(HTML) 16 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12FIM04DCL030PVC Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 14Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 15Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 16Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 17Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 19Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 20Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
181 Circular Automation Connectors
4, 5 & 17 Poles
0.1 & 0.2m Cable Options
Overmold Flex Inline Body
Mates with Flex Body
Different Panel Mounting
Options Available
Circular Automation Connectors
M12 Series
PXMBNI12FPM17AFLM12001
PXMBNI12FPF17AFLPG9001
PXMBNI12FPM17AFLPG9001
PXMBNI12FPF17AFLM16001
PXMBNI12FPM17AFLM16001
PXMBNI12RPM17AFLM12001
PXMBNI12RPF17AFLPG9001
PXMBNI12RPM17AFLPG9001
PXMBNI12RPF17AFLM16001
PXMBNI12RPM17AFLM16001
PXMBNI12RPM05LFLM16001
PXMBNI12RPF05LFLM16001
PXMBNI12RPM04SFLM16002
PXMBNI12RPF04SFLM16002
PXMBNI12RPM04TFLM16001
PXMBNI12RPF04TFLM16001
Part No.
A
A
A
A
A
A
A
A
A
A
L
L
S
S
T
T
Poles
17
17
17
17
17
17
17
17
17
17
05
05
04
04
04
04
Code
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Termination
Mounting Nut
M12
PG9
PG9
M16
M16
M12
PG9
PG9
M16
M16
M16
M16
M16
M16
M16
M16
0.1m
0.1m
0.1m
0.1m
0.1m
0.1m
0.1m
0.1m
0.1m
0.1m
0.1m
0.1m
0.2m
0.2m
0.1m
0.1m
Lead Length
PXMBNI12RPM, PXMBNI12RPF
PXMBNI12FPF, PXMBNI12FPM
M12 Front & Rear Panel Mount
Flying Leads
Part No.
PXPPVC12TSMM04AFIIFI
PXPPVC12TSMM05AFIIFI
PXPPVC12TSMM08AFIIFI
PXPPVC12TSMM12AFIIFI
PXPPVC12TSFM04AFBIFB
PXPPVC12TSFM05AFBIFB
PXPPVC12TSFM08AFBIFB
PXPPVC12TSFM12AFBIFB
PXPPVC12TSFF04AFBBFB
PXPPVC12TSFF05AFBBFB
PXPPVC12TSFF08AFBBFB
PXPPVC12TSFF12AFBBFB
Termination
Male-Male-Male
Male-Male-Male
Male-Male-Male
Male-Male-Male
Female-Male-Male
Female-Male-Male
Female-Male-Male
Female-Male-Male
Female-Female-Female
Female-Female-Female
Female-Female-Female
Female-Female-Female
Poles
04
05
08
12
04
05
08
12
04
05
08
12
Code
A
A
A
A
A
A
A
A
A
A
A
A
4, 5, 8 & 12 Poles
Mates with Flex Body &
Panal Mount Connectors
PXPPVC12TS
M12 T-Splitters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com