Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMDA0ES Datasheet(PDF) 142 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 142 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 138Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 139Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 140Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 141Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 142Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 143Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 144Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 145Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 146Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V
and TA = 25 °C unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
• Max step size of 1.6 V
• Bus capacitance 150 pF
VCLAMP
AMUX clamping voltage
1.8
–
2.5
V
VDIV4V0
Input divider ratio by 4 tolerance
3.95
4
4.05
–
VDIV2V5
Input divider ratio by 2.5 tolerance
2.48
2.5
2.52
–
VDIV1V0
Input divider ratio by 1 tolerance
0.995
1
1.005
–
Table 191. AMUX electrical characteristics...continued
13.6 Thermal monitors
The PF09 features nine temperature sensors spread around the die. The main thermal management sensor is
located at the center of the die, and the rest are located in the vicinity of the voltage regulators:
• Center of die
• Vicinity of SW1
• Vicinity of SW2
• Vicinity of SW3
• Vicinity of SW4
• Vicinity of SW5
• Vicinity of LDO1
• Vicinity of LDO2
• Vicinity of LDO3
The output of the temperature sensors is internally connected to the AMUX, allowing the user to read the raw
voltage equivalent to the temperature on each sensor. Sensor temperature at any point is calculated with the
following formula:
Where VTSENSE is the thermal sensor voltage measured on the corresponding AMUX channel.
The temperature sensor at the center of the die is used to generate thermal interrupts and thermal shutdown.
The processor can read outputs of the other temperature sensors and take appropriate action (such as reducing
loading, or turning off a regulator) if the temperature exceeds desired limits at any point in the die.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
142 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com