Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMDA0ES Datasheet(PDF) 34 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 30Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 31Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 32Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 33Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 34Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 35Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 36Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 37Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
12.3.2 Power-up events
Upon loading the OTP fuses, the device will evaluate a PWRON event in the LPOFF State based on the
OTP_PWRON_MODE bit.
When OTP_PWRON_MODE = 0, the PWRON pin must be pulled high to generate a power-on event. If the
PWRON pin is low during the LPOFF, the device will return to the ULPOFF until a new wake-up condition is
present.
When OTP_PWRON_MODE = 1, the PWRON pin must see a high to low transition and remain low for as long
as the PWRON_DBNC timer, to generate a power-on event. If the PWRON pin has not experienced a high to
low transition, the device will remain in the LPOFF until a valid PWRON event is present.
Upon a power up event reaching the DBGOFF state, the device will proceed to the power-up sequence only if:
VIN > UVDET
&& TJ is at least 10 °C below the TSD threshold
&& VIN < VIN_OV (unless the OV is disabled or OTP_VIN_OV_SDWN = 0)
&& TRIM_NOK = 0 && OTP_NOK = 0 && STEST_NOK = 0
&& LBIST_STATUS[1:0] is different from “10” (If LBIST enabled)
&& XFAILB pin is released high. (If XFAILB enabled)
12.3.3 Regulator Power-up sequence
The PF09 provides two different ways to power up.
Time-based power up: the system regulators are sequenced up in up to 254 slots, with a constant time
separation between each slot.
Dynamic power up: the system regulators are turned on sequentially only after regulators in the previous
hierarchical level have reached the point of regulation.
The selection of the default Power-up sequence behaviors is done in OTP during the device OTP customization
stage.
12.3.3.1 Time-based power-up
When the OTP_SEQ_MODE = 0, the device will power up in time-based mode.
In the time-based mode, the OTP_SEQ_TBASE[1:0] bits set the default time base for the power-up and power-
down sequencer.
OTP_SEQ_TBASE[1:0]
SEQ_TBASE[1:0]
Sequencer time base [µs]
00
00
30
01
01
120
10
10
250
11
11
500
Table 28. Default sequencer time base
After power-up, the SEQ_TBASE[1:0] bits can be modified during the system-on states in order to change the
sequencer timing during RUN-to-STANDBY transitions as well as during the power-down sequence.
The PF09 controls the power-up sequencing for the switching regulator, LDO regulators, external VMON
inputs, and GPIO pins, as well as controlling the release of the RSTB signal as programmed in the respective
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
34 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com