Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMDA0ES Datasheet(PDF) 93 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 89Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 90Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 91Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 92Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 93Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 94Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 95Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 96Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
13.2.2 SW1 (3.5 A peak/valley current mode buck regulator)
The PF09 features one low-voltage peak current mode (PCM) or valley current mode (VCM) buck regulator with
wide output voltage range from 0.5 V to 3.3 V, with up to 1.5 % output accuracy and 3.5 A nominal load current
capability.
The default voltage configuration for the SW1 regulator at power-up is set in OTP via the OTP_VSW1_RUN[7:0]
bits, and the dynamic configuration of the output voltage during the RUN state is controlled via the
VSW1_RUN[7:0] functional bits.
The default voltage configuration for the SW1 regulator to be used during the STANDBY state is set in OTP
via the OTP_VSW1_STBY[7:0] bits, and the MCU can modify the target STANDBY voltage configuration of the
SW1 regulator during any of the SYSTEM ON states via the VSW1_STBY[7:0] functional bits.
The MCU is expected to update the VSW1_STBY[7:0] bits before directing the PMIC to enter the STANDBY
state. The selection of the VSW1_STBY[7:0] will depend on the system requirements of the specific low-power
mode it wants to achieve at the system level.
VSW1_RUN[7:0] VSW1_STBY[7:0]
Voltage setting
0x00 to 0x08
Reserved
0x09 to 0x91
0.50000 V to 1.35000 V in 6.25 mV steps
0x92 to 0x9E
Reserved
0x9F
1.50000 V
0xA0 to 0xD8
1.80000 V to 2.50000 V in 12.5 mV steps
0xD9 to 0xDF
Reserved
0xE0 to 0xF4
2.80000 V to 3.30000 V in 25.0 mV steps
0xF5 to 0xFF
Reserved
Table 110. SW1 output voltage configuration bits
DVS is available under the following conditions:
1. Dynamic voltage scaling (DVS) range is between 0.65 V and 0.9 V.
2. The OV/UV threshold is +/-5% or wider.
3. DVS ramp must be 3.9 mV/μs or slower.
The VSW1_RUN[7:0] and VSW1_STBY[7:0] bits are implemented as secure write bits to ensure that the output
voltages are not changed by mistake during the SYSTEM ON states.
The OTP_SW1_DVS[1:0] bits are used to program the default slew rate for the SW1 turn-on and turn-off ramps.
During the SYSTEM ON states, the DVS rate can be changed dynamically to allow different voltage scaling
slew rates as required by the system. The SYSTEM ON DVS rate is controlled by the SW1_DVS[1:0] bits on the
functional registers.
SW1_DVS[1:0]
Clocking factor
SW1 ramp-up slope rate [1][2]
SW1 ramp-down
slope rate[1][2]
00
8
1.95 mV/µs
1.95 mV/µs
01
4
3.9 mV/µs
3.9 mV/µs
10
2
7.8 mV/µs
7.8 mV/µs
11
1
15.6 mV/µs
15.6 mV/µs
Table 111. DVS ramp selection bits
[1]
At 20 MHz high frequency clock selection.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
93 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com