Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7815C Datasheet(PDF) 14 Page - STMicroelectronics

Part # L7815C
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7815C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L7815C Datasheet HTML 10Page - STMicroelectronics L7815C Datasheet HTML 11Page - STMicroelectronics L7815C Datasheet HTML 12Page - STMicroelectronics L7815C Datasheet HTML 13Page - STMicroelectronics L7815C Datasheet HTML 14Page - STMicroelectronics L7815C Datasheet HTML 15Page - STMicroelectronics L7815C Datasheet HTML 16Page - STMicroelectronics L7815C Datasheet HTML 17Page - STMicroelectronics L7815C Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
L7800 SERIES
14/34
Table 21: Electrical Characteristics Of L7818C (refer to the test circuits, TJ = 0 to 125°C, VI = 26V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Table 22: Electrical Characteristics Of L7820C (refer to the test circuits, TJ = 0 to 125°C, VI = 28V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
17.3
18
18.7
V
VO
Output Voltage
IO = 5 mA to 1 A
PO ≤ 15W
VI = 21 to 33 V
17.1
18
18.9
V
∆V
O(*)
Line Regulation
VI = 21 to 33 V
TJ = 25°C
360
mV
VI = 24 to 30 V
TJ = 25°C
180
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
360
mV
IO = 250 to 750 mA
TJ = 25°C
180
Id
Quiescent Current
TJ = 25°C
8
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = 21 to 33 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1
mV/°C
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
110
µV/V
O
SVR
Supply Voltage Rejection
VI = 22 to 32 V
f = 120Hz
53
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
2
V
RO
Output Resistance
f = 1 KHz
22
m
Ω
Isc
Short Circuit Current
VI = 35 V
TJ = 25°C
0.20
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.1
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
19.2
20
20.8
V
VO
Output Voltage
IO = 5 mA to 1 A
PO ≤ 15W
VI = 23 to 35 V
19
20
21
V
∆V
O(*)
Line Regulation
VI = 22.5 to 35 V
TJ = 25°C
400
mV
VI = 26 to 32 V
TJ = 25°C
200
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
400
mV
IO = 250 to 750 mA
TJ = 25°C
200
Id
Quiescent Current
TJ = 25°C
8
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = 23 to 35 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1
mV/°C
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
150
µV/V
O
SVR
Supply Voltage Rejection
VI = 24 to 35 V
f = 120Hz
52
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
2
V
RO
Output Resistance
f = 1 KHz
24
m
Ω
Isc
Short Circuit Current
VI = 35 V
TJ = 25°C
0.18
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com