Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7815C Datasheet(PDF) 18 Page - STMicroelectronics

Part # L7815C
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7815C Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L7815C Datasheet HTML 14Page - STMicroelectronics L7815C Datasheet HTML 15Page - STMicroelectronics L7815C Datasheet HTML 16Page - STMicroelectronics L7815C Datasheet HTML 17Page - STMicroelectronics L7815C Datasheet HTML 18Page - STMicroelectronics L7815C Datasheet HTML 19Page - STMicroelectronics L7815C Datasheet HTML 20Page - STMicroelectronics L7815C Datasheet HTML 21Page - STMicroelectronics L7815C Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
L7800 SERIES
18/34
Figure 19: Circuit for Increasing Output Voltage
Figure 20: Adjustable Output Regulator (7 to 30V)
Figure 21: 0.5 to 10V Regulator
IR1 ≥ 5 Id
R2
VO = VXX (1+  ) + Id R2
R1
R4
VO = Vxx 
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com