Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9333 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9333
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9333 Datasheet(HTML) 3 Page - STMicroelectronics

  L9333 Datasheet HTML 1Page - STMicroelectronics L9333 Datasheet HTML 2Page - STMicroelectronics L9333 Datasheet HTML 3Page - STMicroelectronics L9333 Datasheet HTML 4Page - STMicroelectronics L9333 Datasheet HTML 5Page - STMicroelectronics L9333 Datasheet HTML 6Page - STMicroelectronics L9333 Datasheet HTML 7Page - STMicroelectronics L9333 Datasheet HTML 8Page - STMicroelectronics L9333 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
L9333
ABSOLUTE MAXIMUM RATINGS
Notes: 1. In flyback phase the output voltage can reach 60V.
ESD - PROTECTION
Note: Human-Body-Model according to MIL 8832. The device widthstand ST1 class level.
THERMAL DATA
2. With 6cm2 on board heat sink area.
3. Mounted on SMPCB2 board
Symbol
Parameter
Value
Unit
VS
Supply voltage DC
Supply voltage Pulse (T = 400ms)
-0.3 to 32
-0.3 to 45
V
V
dVS/dt
Supply voltage transient
-10 to +10
V/
µs
VIN,VEN,
VPRG
Input, Enable, Programming
Pin voltage
-14 to 45
V
VOUT
Output voltage
-0.3 to 45 1)
V
VDIAG
Diagnostic output voltage
-0.3 to 45
V
Parameter
Value
against GND
Unit
Supply pins and signal pins
± 2KV
Output pins
± 4KV
Symbol
Parameter
Min
Typ
Max
Unit
TJSD
Temperature shutdown threshold
175
220
°C
TJSDhys
Temperature shutdown hysteresis
20
K
SO 12+4+4
Rth (j-p)
Thermal resistance junction to pins
15
°C/W
Rth (j-a)
Thermal resistance junction to ambient 2)
50
°C/W
SO 20
Rth (j-a)
Thermal resistance junction to ambient 3)
97
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com