Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9333 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9333
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9333 Datasheet(HTML) 4 Page - STMicroelectronics

  L9333 Datasheet HTML 1Page - STMicroelectronics L9333 Datasheet HTML 2Page - STMicroelectronics L9333 Datasheet HTML 3Page - STMicroelectronics L9333 Datasheet HTML 4Page - STMicroelectronics L9333 Datasheet HTML 5Page - STMicroelectronics L9333 Datasheet HTML 6Page - STMicroelectronics L9333 Datasheet HTML 7Page - STMicroelectronics L9333 Datasheet HTML 8Page - STMicroelectronics L9333 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
L9333
4/13
LIFE TIME
OPERATING RANGE:
Within the operating range the IC operates as described in the circuit description, including the diagnostic table.
ELECTRICAL CHARACTERISTCS
The electrical characteristics are valid within the defined Operating Conditions, unless otherwise specified.
The function is guaranteed by design until TJSDon switch-on-threshold.
Symbol
Parameter
Condition
Value
Unit
tB
useful life time
VS ≤ 14V
EN = low
20
years
tb
operating life time
4.5V
≤ VS ≤ 32V
EN = high
5000
hours
Symbol
Parameter
Condition
Min
Max
Unit
VS
Supply voltage
4.5
32
V
VIN,VEN,
VPRG
Input voltage
-14
45
V
VOUT
Output voltage
Voltage will be limited by internal Z-
Diode clamping
-0.3
60
V
VDIAG
Diagnostic output voltage
-0.3
45
V
TJ
Junction temperature
-40
150
°C
Symbol
Parameter
Test Conditio n
Min.
Typ.
Max.
Unit
SUPPLY
IQ
Quiescent current
VS ≤ 14V; VEN ≤ 0.3V
Tamb 85 °C
<2
10
µA
VS ≤ 14V; VEN ≤ 0.3V
Ta 150°C
50
µA
VS ≤ 14V; EN = high, Output = off
EN = high, Output = on
12
3.5
mA
mA
Inputs, IN1 - IN4; Programming, PRG
VINlow
Input voltage LOW
-14
1
V
VINhigh
Input voltage HIGH
2
45
V
IIN
Input current
0V
≤ VIN ≤ 45V 4)
-25
50
µA
RIN
Input impedance
VIN < 0V; VIN >VS
10
60
k
Ω
4. Current direction depends on the programming setting (PRG=high leads into a positive current see also Blockdiagram page 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com