Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9349 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9349
Description  QUAD INTELLIGENT POWER LOW SIDE SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9349 Datasheet(HTML) 4 Page - STMicroelectronics

  L9349 Datasheet HTML 1Page - STMicroelectronics L9349 Datasheet HTML 2Page - STMicroelectronics L9349 Datasheet HTML 3Page - STMicroelectronics L9349 Datasheet HTML 4Page - STMicroelectronics L9349 Datasheet HTML 5Page - STMicroelectronics L9349 Datasheet HTML 6Page - STMicroelectronics L9349 Datasheet HTML 7Page - STMicroelectronics L9349 Datasheet HTML 8Page - STMicroelectronics L9349 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
L9349
4/12
ELECTRICAL CHARACTERISTICS
(VS = 4.5 to 32V; -40°C ≤ Tj1 ≤ 150°C < Tj2 ≤ TjDIS, unless other-wise specified.)
Symbol
Parameter
Test Conditions
Values Tj1
Values Tj2
Unit
Min.
Typ.
Max.
Min.
Max.
Supply
IVS OFF
DC Supply Current Off
EN = 1.0V
5
10
mA
IVS ON
DC Supply Current On
VS
≤ 14V; VIN, VEN = 2V
8mA
Diagnostic Outputs D1 - D4
VDL
Diagnostic Output Low
Voltage
ID ≤ 3mA
0.65
1.0
1.5
V
IDLE
Diagnostic Output
Leakage Current
VD = 14V
1)
0.1
2
20
µA
Outputs Out 1 - Out 4
RDSON 1, 2 Output On Resistance
Tj = 25°C
Tj = 150°C
VS > 9.5V IO1,2 = 2A
200
300
500
m
Ω
RDSON 3, 4
Tj = 25°C
Tj = 150°C
VS > 9.5V
IO3,4 = 1.3A
300
450
750
m
Ω
VZ
Z-diode clamping
voltage
IOCL ≥ 200mA
45
60
V
RO
Output pull down
resistor
VS > 9.5V
EN = 0V
10
40
50
k
Ω
VOUV 1-4
Open Load Voltage
Threshold
VIN = 1V
0.525 x
VS
0.55 x
VS
0.575 x
VS
V
VOUV hys 1-
4
Hysteresis
0.003 x
VS
V
∆V
OUV 1-4,
2-3, 4-1, 3-2
Open Load Difference
Voltage Threshold
VIN1,4/2,3 = 1V VS ≤ 16V
VOc Š 4.5V
VOC = output voltage of
other channel
VOC -
1.0V
VOC -
1.25V
VOC -
1.5V
V
∆VOUV hys
1-4, 2-3,
4-1, 3-2
Open Load Hysteresis
40
mV
IOUC 1, 2, 3,
4
Open Load Current
Threshold
VEN=VIN=2V;
VS=6.5 - 16V
160
320
480
mA
IOOC 1, 2
Over Load Current
Threshold
VS > 6.5V;
VOUT = 32V
510
A
IOOC 3, 4
36
A
TSD
Thermal Shut Down
180
195
210
°C
TSD-hys
Thermal Shut Down
hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com