Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9349 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9349
Description  QUAD INTELLIGENT POWER LOW SIDE SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9349 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9349 Datasheet HTML 2Page - STMicroelectronics L9349 Datasheet HTML 3Page - STMicroelectronics L9349 Datasheet HTML 4Page - STMicroelectronics L9349 Datasheet HTML 5Page - STMicroelectronics L9349 Datasheet HTML 6Page - STMicroelectronics L9349 Datasheet HTML 7Page - STMicroelectronics L9349 Datasheet HTML 8Page - STMicroelectronics L9349 Datasheet HTML 9Page - STMicroelectronics L9349 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
L9349
6/12
DIAGNOSTIC TABLE
CIRCUIT DESCRIPTION
The L9349 is a quad low side driver for inductive loads like valves in automotive environment. The internal pull
down current sources at the ENable and INput pins assure in case of open input conditions that the device is
switched off. An output voltage slope limitation for du/dt is implemented to reduce the EMI. An integrated active
flyback voltage limitation clamps the output voltage during the flyback phase to 50 V.
Each driver is protected against short circuit at VOUT < 32V and thermal overload. In short circuit condition the
output will be disabled after a short delay time tDOL. The thermal disable for TJ > 180°C of the output will be
reset if the junction temperature decreases about 20°C below the disable threshold temperature.
The overtemperature, overload and groundloss information is stored until IN is low.
For the real time error diagnosis the voltage and the current of the outputs are compared with internal fixed val-
ues VOUV for OFF and IOUC for ON conditions to recognize open load (RL ≥ 20K, RL > 38) in OFF and ON
conditions.
Also the output voltages VO1- 4 are compared to each other output in OFF condition with a fixed offset of VOUV
to recognize load bypasses. The
VOUV diagnoses is suppressed during the flyback phases of the compared
output. The outputs 1 and 4 are compared for
VOUV and also outputs 2 and 3 are compared.
The diagnostic output level in connection with different ENable and INput conditions allows to recognize differ-
ent fail states, like overtemp, short to VS, short to GND, bypass to GND and disconnected load (see diagnostic
table).
The diagnostic output is protected against short circuit. Exceeding the over load current threshold IOOC, the out-
put current will be limited internally during the diagnostic overload delay switch-off time tDOL.
The device complies the ISO pulses imposed to the supply voltage of the valves without any failures of the func-
tionality. Therefore some diagnostic functions are internal filtered. The following table shows the corresponding
filter time for each detected signal.
Conditions
EN
IN
OUT
DIAG.
Normal Function
L
X
off
L
HL
off
L
HH
on
H
GND short
VOtyp < 0.55VS
L
X
off
H
Load bypass
VO1-4/2-3 1.25V
HL
off
H
Open Load
IO1,2,3,4typ < 320mA
HH
on
L
Tjtyp 190°C Overtemperature
XX
off
L
Over Load
IOmin 1,2 > 5A
IOmin 3,4 > 3A
HH
off
L
SGND or PGND loss
channel off
X
L
off
H
SGND or PGND loss
channel on
H
H
off
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com