Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HST01S80Q Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HST01S80Q
Description  HST01S80Q 1A TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HST01S80Q Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HST01S80Q Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HST01S80Q Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HST01S80Q Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HST01S80Q Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. HST01S80Q Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAIN FEATURES
ABSOLUTE MAXIMUM RATINGS 
Parameter
Symbol
Value
Unit
Storage junction temperature range
Tstg
-40-150
℃
Operating junction temperature range
Tj
-40-125
℃
Repetitive peak off-state voltage (Tj=25℃)
VDRM
800
V
Repetitive peak reverse voltage (Tj=25℃)
VRRM
800
V
RMS on-state current (TC≤106℃)
IT(RMS)
1
A
Non repetitive surge peak on-state current
(full cycle , tp=20ms , Tj=25℃)
ITSM
14
A
Non repetitive surge peak on-state current
(full cycle , tp=16.6ms , Tj=25℃)
15.4
I2t value for fusing (tp=10ms , Tj=25℃)
I2t
0.98
A2s
Critical rate of rise of on-state current
(IG=2×IGT , f=100Hz , Tj=125℃)
dI/dt
100
A/μs
Peak gate current (tp=20μs , Tj=125℃)
IGM
1
A
Positive applied gate voltage
VGM
15
V
Symbol
Value
Unit
IT(RMS)
1
A
VDRM /VRRM
800
V
IGT
Ⅱ
/Ⅲ
10/10
mA
HST01S80Q
1A
TRIAC
Rev.01
DESCRIPTION:
The HST01S80Q triac is suitable for general purpose AC
switching. It can be used as an ON/OFF function in applications
such as heating regulation, induction motor starting circuits,
for phase control operation in light dimmers, motor speed
controllers. The HST01S80Q embeds a TVS structure to
absorb the inductive turn-off energy such as those described
in the IEC 61000-4-5 standards. At the same time, the triac
shields the positive signal trigger to reduce the probability of
product misoperation. It is triggered with a negative gate
current flowing out of the gate pin. Package SOT-223 is
RoHS compliant.
3
 of 
1
Page 
1.0
Rev.
huixin@hxkj.hk
+86-769-22857832
huixin@hxkj.hk
+86-769-22857832
Rev. 1.0
Page
1 of 5


Similar Part No. - HST01S80Q

ManufacturerPart #DatasheetDescription
logo
Kontron
HST01-0000-10-0 KONTRON-HST01-0000-10-0 Datasheet
494Kb / 5P
COM-HPC®/Server Size D with Intel® XEON® D-2700
HST01-0001-10-0 KONTRON-HST01-0001-10-0 Datasheet
452Kb / 4P
COM-HPC®/Server Size D small with Intel® Xeon® D-1700
logo
Beijing Yaohuadechang E...
HST016I YHDC-HST016I Datasheet
1Mb / 3P
Hall split c ore current sensor
HST016IL YHDC-HST016IL Datasheet
1Mb / 3P
Hall split c ore current sensor
HST016L YHDC-HST016L Datasheet
826Kb / 3P
Hall split c ore current sensor
More results

Similar Description - HST01S80Q

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA221A SANKEN-STA221A Datasheet
32Kb / 1P
1A 4 circuits Triac Array
logo
NEC
AC01DGM NEC-AC01DGM Datasheet
1Mb / 6P
1A MOLD TRIAC
logo
Renesas Technology Corp
BCR1BM-16A RENESAS-BCR1BM-16A Datasheet
62Kb / 4P
800V - 1A - Triac Low Power Use
logo
SemiHow Co.,Ltd.
HTT1A80AS SEMIHOW-HTT1A80AS Datasheet
242Kb / 4P
3 Quadrants 1A TRIAC
logo
Renesas Technology Corp
BCR1BM-16A RENESAS-BCR1BM-16A_15 Datasheet
62Kb / 4P
800V - 1A - Triac Low Power Use
logo
SemiHow Co.,Ltd.
HTB1A80AS SEMIHOW-HTB1A80AS Datasheet
305Kb / 5P
1A TRIAC
logo
Unisonic Technologies
UZ0103 UTC-UZ0103_15 Datasheet
156Kb / 4P
1A TRIAC
logo
DONGGUAN YOU FENG WEI E...
BT131 YFWDIODE-BT131 Datasheet
686Kb / 4P
1A four-quadrant triac
BT134W YFWDIODE-BT134W Datasheet
1Mb / 4P
1A four-quadrant triac
logo
Renesas Technology Corp
AC01DGM RENESAS-AC01DGM Datasheet
1Mb / 8P
1A MOLD TRIAC
1988
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com