Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HST01S80Q Datasheet(PDF) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HST01S80Q
Description  HST01S80Q 1A TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HST01S80Q Datasheet(HTML) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HST01S80Q Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HST01S80Q Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HST01S80Q Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HST01S80Q Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. HST01S80Q Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FIG.1 Maximum power dissipation versus RMS
on-state current
FIG.2: RMS on-state current versus case
temperature 
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.2
0.4
0.6
0.8
1
P(W)
IT(RMS)(A)
                     
106
℃
0
0.2
0.4
0.6
0.8
1
1.2
0
255075
100
125
IT(RMS)(A)
TC(℃)
FIG.3: RMS on-state current versus ambient
temperature (free air convection)
FIG.4: Surge peak on-state current versus
number of cycles
55
℃
0
0.2
0.4
0.6
0.8
1
1.2
0
255075
100
125
IT(RMS)(A)
Ta(℃)
          
                                                                                                                 
0
2
4
6
8
10
12
14
16
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
ITSM(A)
Number of cycles
Tc=25℃,tp=20ms,one cycle,sine
FIG.5: On-state characteristics
XXXXXXXXXXXXXXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXX
FIG.6: Non-repetitive surge peak on-state
current for a sinusoidal pulse
0.1
1
10
0
1234
ITM(A)
VTM(V)
Tj=25
℃ typ
          
                                                                                                           
0.1
1
10
100
1000
0.01
0.1
1
10
tp(ms)
ITSM(A)
 
3
 of 
1
Page 
1.0
Rev.
huixin@hxkj.hk
+86-769-22857832
huixin@hxkj.hk
+86-769-22857832
Rev. 1.0
Page
3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com