Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT25LC512 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT25LC512
Description  CMOS 64K x 8-Bit SPI Serial OTP EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT25LC512 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT25LC512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT25LC512
CMOS 64K´8-Bit SPI Serial OTP EPROM
Block Diagram
Rev. 1.00
1
June 14, 2004
Features
·
Operating voltage: 2.7V~3.6V
·
Programming voltage
-
VPP=12.5V±0.2V
-
VCC=6.0V±0.2V
·
512K-bit OTP ROM, access command compatible
with AT25F512
·
64K´8-bit organization
·
12MHz max. clock frequency @VCC=2.7V
15MHz max. clock frequency @VCC=3.0V
·
Serial interface architecture
·
Serial Peripheral Interface (SPI) compatible - modes
0 and 3
·
CMOS and TTL compatible inputs and outputs
·
Pin assignment compatible with AT25F512
·
Commercial temperature range (0°C to +70°C)
·
8-pin SOP package
General Description
The HT25LC512 is a 512K-bit OTP ROM of which func-
tion and pin assignment are compatible with AT25F512
and can directly replace the AT25F512 for cost down
purposes when the memory in the system is just read
only. There are 512K bits of memory which are orga-
nized as 65536 words of 8 bits each. The HT25LC512
uses a serial interface to sequentially access its data.
The simple serial interface facilitates hardware layout,
increase system reliability, minimize switching noise,
and reduce package size and active pin count. The de-
vice is optimized for use in many commercial and indus-
trial applications where high density, low pin count, low
voltage, and low power consumption are essential. The
device operates at clock frequencies up to 10MHZ.
The HT25LC512 is enabled through the chip select pin
(CS) and accessed via a three-wire interface consisting
of the Serial Input (SI), Serial Output (SO), and the Se-
rial Clock (SCK). The HOLD pin may be used to sus-
pend any serial communication without resetting the
serial sequence.
X
- a
d
d
r
Y
- a
d
d
r
C
E
O
E
V
P
P
O
T
P
R
O
M
S
t a
t e
C
o
n
t r o
l
I D
R
e
g
i s
t e
r
P
I S
O
R
e
g
i s
t e
r
S
C
L
K
C
S
S
O
O
u
t p
u
t
M
U
X
S
t a
t u
s
R
e
g
i s
t e
r
S
I P
O
R
e
g
i s
t e
r
C
S
S
I
S
C
L
K
C
S
S
I
S
C
L
K
C
l o
c
k
G
e
n
e
r a
t o
r
S
C
K
H
O
L
D


Similar Part No. - HT25LC512

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512 Datasheet
153Kb / 11P
CMOS 64Kx8-Bit SPI Serial OTP EPROM
October 17, 2005
More results

Similar Description - HT25LC512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
November 21, 2002
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512 Datasheet
153Kb / 11P
CMOS 64Kx8-Bit SPI Serial OTP EPROM
October 17, 2005
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
512K (64K x 8) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com