Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0603F104F4R0CG Datasheet(PDF) 2 Page - Multicomp Pro

Part # 0603F104F4R0CG
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

0603F104F4R0CG Datasheet(HTML) 2 Page - Multicomp Pro

  0603F104F4R0CG Datasheet HTML 1Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 2Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 3Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 4Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 5Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 6Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 7Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 8Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Page <2>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol
Soldering
Method *
MB (mm)
0603
(1608)
1.6 ±0.1
0.8 ±0.1
0.8 ±0.07
S
R / W
0.4 ±0.15
1.6 +0.15/-0.1
0.8 +0.15/-0.1
0.5 ±0.1
H
R / W
0.8 +0.15/-0.1
X
R / W
1.6 ±0.2#1
0.8 ±0.2#1
0.8 ±0.2#1
0805
(2012)
2 ±0.15
1.25 ±0.1
0.5 ±0.1
H
R / W
0.5 ±0.2
0.6 ±0.1
A
R / W
0.8 ±0.1
B
R / W
1.25 ±0.1
D
R
2 ±0.2
1.25 ±0.2
0.85 ±0.1
T
R / W
1.25 ±0.2
I
R
1206
(3216)
3.2 ±0.15
1.6 ±0.15
0.8 ±0.1
B
R / W
0.6 ±0.2
(0.5±0.25)***
0.95 ±0.1
C
R
1.25 ±0.1
D
R
3.2 ±0.2
1.15 ±0.15
J
R
1.6 ±0.2
1.6 ±0.2
G
R
0.85 ±0.1
T
R / W
3.2 +0.3/-0.1
3.3 +0.3/-0.1#5
1.6 +0.3/-0.1
1.6 +0.3/-0.1
P
R
1210
(3225)
3.2 ±0.3
2.5±0.2
0.95 ±0.1
C
R
0.75 ±0.25
0.85 ±0.1
T
R
1.25 ±0.1
D
R
3.2±0.4
2.5±0.3
1.6 ±0.2
G
R
2 ±0.2
K
R
2.5 ±0.3
M
R
3.20 ±0.6#4
2.5 ±0.5#4
2.5 ±0.5#4
1808
(4520)
4.5 ±0.4
(4.5+0.5/-0.3)**
2.03 ±0.25
1.25 ±0.1
D
R
0.75 ±0.25
(0.5±0.25)***
1.4 ±0.15
F
R
1.6 ±0.2
G
R
2 ±0.2
K
R
1812
(4532)
4.5 ±0.4
4.5+0.5/-0.3)**
3.2 ±0.3
1.25 ±0.1
D
R
0.75 ±0.25
0.5±0.25)***
1.6 ±0.2
G
R
2 ±0.2
K
R
3.2 ±0.4
2.5 ±0.3
M
R
2.8 ±0.3
U
R
* R = Reflow soldering process ; W = Wave soldering process.
** For 1808/1812/1825_200V~4000V and safety certificated products.
*** For 1206_≥1000V, 1808/1812_200V~4000V and safety certificated products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com