Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0603F104F4R0CG Datasheet(PDF) 1 Page - Multicomp Pro

Part # 0603F104F4R0CG
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

0603F104F4R0CG Datasheet(HTML) 1 Page - Multicomp Pro

  0603F104F4R0CG Datasheet HTML 1Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 2Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 3Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 4Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 5Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 6Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 7Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 8Page - Multicomp Pro 0603F104F4R0CG Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Page <1>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Description
MLCC consists of a conducting material and electrodes. To manufacture a chip-type SMT
and achieve miniaturization, high density and high efficiency, ceramic condensers are used.
The MLCC is made by NP0, X7R, X6S, X5R and Y5V dielectric material and which provides
product with high electrical precision, stability and reliability.
Features
• A wide selection of sizes is available (0201 to 1812).
• High capacitance in given case size.
• Capacitor with lead-free termination (pure Tin).
Application
• For general digital circuit.
• For power supply bypass capacitors.
• For consumer electronics.
• For telecommunication.
External Dimensions
The outline of MLCC
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol
Soldering
Method *
MB (mm)
01R5
(0402)
0.4 ±0.02
0.2 ±0.02
0.2 ±0.02
V
R
0.1 ±0.03
0201
(0603)
0.6±0.03
0.3 ±0.03
0.3 ±0.03
L
R
0.15 ±0.05
0.6±0.05#2
0.3 ±0.05#2
0.3 ±0.05#2
0.6±0.09#3
0.3 ±0.09#3
0.3 ±0.09#3
0.15 +0.1/-0.05
0402
(1005)
1 ±0.05
0.5 ±0.05
0.5 ±0.05
N
R
0.25
+0.05/-0.1
0.5 +0.02/-0.05 Q
1 ±0.2
0.5 ±0.2
0.5 ±0.2
E
1 ±0.15#6
0.5 ±0.15#6
0.5 ±0.15#6
How To Order
1206
Size
B
Dielectric
104
Capacitance
K
Tolerance
500
Rated Voltage
C
Termination
T
Packaging style
Inch (mm)
0201 (0603)
0402 (1005)
0603 (1608)
0805 (2012)
1206 (3216)
1210 (3225)
1812 (4532)
N=NP0
(C0G)
B=X7R
F=Y5V
X=X5R
S=X6S
A=X7S
Two significant
digits followed by
no. of zeros. And
R is in place of
decimal point.
Eg.:
0R5=0.5pF
1R0=1.0pF
104 = 10×104
= 100nF
A=±0.05pF
B=±0.1pF
C=±0.25pF
D=±0.5pF
F=±1%
G=±2%
J=±5%
K=±10%
M=±20%
Two significant
digits followed by
no. of zeros. And
R is in place of
decimal point.
4R0=4V DC
6R3=6.3V DC
100=10V DC
160=16V DC
250=25V DC
350=35V DC
500=50V DC
101=100V DC
C=Cu/Ni/Sn
T=7″ reeled
G=13″ reeled


Similar Part No. - 0603F104F4R0CG

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
0603F104F WALSIN-0603F104F Datasheet
5Mb / 22P
MULTILAYER CERAMIC CAPACITORS
Apr. 2021
logo
Multicomp Pro
0603F104F MULTICOMP-0603F104F Datasheet
1Mb / 29P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
08/05/25 V1.0
More results

Similar Description - 0603F104F4R0CG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0603N104 ETC1-0603N104 Datasheet
328Kb / 7P
Multilayer Ceramic Chip Capacitors Products NPO, X7R, Y5V
logo
EPCOS
B37641K7475K62 EPCOS-B37641K7475K62 Datasheet
211Kb / 13P
Multilayer Ceramic Capacitors HighCap; X5R and X7R
logo
Murata Manufacturing Co...
GRM185R60G106ME15 MURATA-GRM185R60G106ME15 Datasheet
778Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM31C5C1H563JA01 MURATA-GRM31C5C1H563JA01 Datasheet
784Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM42A5C3F150JW01 MURATA-GRM42A5C3F150JW01 Datasheet
1Mb / 28P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM42A5C3F180JW01 MURATA-GRM42A5C3F180JW01 Datasheet
1Mb / 28P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM31CR6YA106MA12 MURATA-GRM31CR6YA106MA12 Datasheet
779Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
logo
List of Unclassifed Man...
MCTT21X105K160CT ETC-MCTT21X105K160CT Datasheet
780Kb / 9P
Low Profile Multilayer SMD Ceramic Capacitor 0402 to 1210 Sizes, X7R, X5R & Y5V Dielectrics (MCTT Series)
05/03/20 V1.0
logo
RFE international
AD10XR104K500A RFE-AD10XR104K500A Datasheet
621Kb / 3P
MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
RD25ZU104M251BXXXX RFE-RD25ZU104M251BXXXX Datasheet
809Kb / 5P
Multilayer Ceramic Capacitor RD Series (COG/X7R/X5R/Y5V/Z5U)Radial Leaded
25-01-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com