Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP65H030G4PWS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # TP65H030G4PWS
Description  650V SuperGaN® GaN FET in TO-247-3 (source tab)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TP65H030G4PWS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button TP65H030G4PWS Datasheet HTML 3Page - Renesas Technology Corp TP65H030G4PWS Datasheet HTML 4Page - Renesas Technology Corp TP65H030G4PWS Datasheet HTML 5Page - Renesas Technology Corp TP65H030G4PWS Datasheet HTML 6Page - Renesas Technology Corp TP65H030G4PWS Datasheet HTML 7Page - Renesas Technology Corp TP65H030G4PWS Datasheet HTML 8Page - Renesas Technology Corp TP65H030G4PWS Datasheet HTML 9Page - Renesas Technology Corp TP65H030G4PWS Datasheet HTML 10Page - Renesas Technology Corp TP65H030G4PWS Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TP65H030G4PWS Datasheet
R07DS1601EU0200 Rev.2.00
Nov 25, 2025
Page 7
3. Typical Performance Graphs
TC = 25°C unless otherwise stated.
Figure 2. Typical Output Characteristics, TJ = 25°C
Parameter: VGS
Figure 3. Typical Output Characteristics, TJ = 150°C
Parameter: VGS
Figure 4. Typical Transfer Characteristics
VDS = 10V, Parameter: TJ
Figure 5. Normalized On-resistance
ID = 30A, VGS = 12V
Figure 6. Typical Capacitance
VGS = 0V, f = 1MHz
Figure 7. Typical COSS Stored Energy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com