Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1206F104F4R0CT Datasheet(PDF) 23 Page - Multicomp Pro

Part # 1206F104F4R0CT
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1206F104F4R0CT Datasheet(HTML) 23 Page - Multicomp Pro

Back Button 1206F104F4R0CT Datasheet HTML 19Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 20Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 21Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 22Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 23Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 24Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 25Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 26Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 27Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Page <23>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
No
Item
Test Condition
Requirements
Humidity
(Damp Heat)
Steady State
*I.R.: ≥10V, 1GΩ or 50 Ω-F whichever is smaller.
Class II (X7R, X5R, X6S, X7S, Y5V)
Rated voltage
Insulation
Resistance
100V: All X7R;1210≥3.3μF
1GΩ or
RxC≧10 Ω-F
whichever is
smaller.
50V: 0402>0.01μF;0603≥1μF;0805≥1μF;1206≥4.7μF;1
210≥4.7μF
35V:0603≥1μF;0805≥2.2μF; 1206≧2.2μF;1210≧10μF
25V:0201≧0.1uF; 0402≥0.22μF; 0603≥2.2μF;
0805≥2.2μF; 1206≥10μF;1210≥10μF
16V: 0201≧0.1uF;0402≥0.22μF;0603≥1μF;0805≥2.2μF;
1206≥10μF;1210≥47μF
10V: 0201≥47nF;0402≥0.47μF;0603≥0.47μF;
0805≥2.2μF; 1206≥4.7μF;1210≥47μF
6.3V ; 4V ; All X6S/X7S items; Size≥1812
14
Humidity
(Damp Heat)
Load
*Test temp.:40±2°C
*Humidity: 90~95%RH
*Test time: 500+24/-0 hrs.
*To apply voltage:
Rated voltage (MAX. 500V)
*Before initial measurement (Class II
only): To apply de-aging at 150°C for
1hr then set for 24±2 hrs at room temp.
* Cap. / DF(Q) / I.R. Measurement to
be
made after de-aging at 150°C for 1hr
then set for 24±2 hrs at room temp.
* No remarkable damage.
Cap change:
NP0: ±7.5% or 0.75pF whichever is larger.
X7R, X5R, X6S, X7S: ≥10V**,within ±12.5%; ≦6.3V within
±25%;
**10V: 0603≧4.7μF;0402 ≧1μF;0201≧0.1μF, within ±25%;
Y5V: ≥10V, within ±30%;≦6.3V, within +30/-40%
Q/D.F. value:
NP0: C≥30pF,Q≥200;C<30pF, Q≥100+10/3C
X7R, X5R, X6S, X7S:
Rated
vol.
D.F.≦
Exception of D.F.≦
^
100V
%
3%
%
6%
1206^0.47μF
%
7%
1812^4.7μF;1825≥4.7μF; 2220≥4.7μF; 2225≥4.7μF
%
7.5%
0603^0.068μF;0805^0.1μF;1206^1μF;
1210^2.2μF
%
20%
0805^0.22μF;1210^3.3μF
^
50V
%
3%
%
6%
0201(50V);0603^0.047μF;0805^0.18μF;
1206^0.47μF
%
7%
1812^4.7μF;1825≥4.7μF; 2220≥4.7μF; 2225≥4.7μF
%
10%
0201^0.01uF; 0402^0.012μF;1210^3.3μF
%
20%
0402^0.047μF;0603>0.1μF;0805^1μF
(0805/X7R>0.47μF); 1206^2.2μF;1210^10μF;
35V
%
5%
%
20%
0603^1μF;0805≥2.2μF;1206^2.2μF;1210^10μF
25V
%
5%
%
10%
0201^0.01μF(0201/X5R=0.01μF;0805^1μF;
1210^10μF*
%
14%
0603^0.33μF
%
15%
0201^0.1μF(0201/X5R>0.01μF);0603^0.47μF;
TT series 0402^0.10μF(0402/X7R^0.056μF);
0805^2.2μF; 1206^4.7μF;1210^22μF
(1210/X5R^10μF)*
%
20%
0402^0.33μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com