Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1206F104F4R0CT Datasheet(PDF) 16 Page - Multicomp Pro

Part # 1206F104F4R0CT
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1206F104F4R0CT Datasheet(HTML) 16 Page - Multicomp Pro

Back Button 1206F104F4R0CT Datasheet HTML 12Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 13Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 14Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 15Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 16Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 17Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 18Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 19Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 20Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Page <16>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
No
Item
Test Condition
Requirements
1
Visual and
Mechanical
-
No remarkable defect.
Dimensions to conForm to individual specification sheet.
2
Capacitance
*Test temp.: Room Temperature.
*Class I: (NP0)
≤1000pF, 1.0±0.2Vrms,1MHz±10%
>1000pF, 1.0±0.2Vrms,1kHz±10%
Class II: (X7R, X7E, X6S, X5R,X7S)
C≤10μF, 1.0±0.2Vrms; 1kHz±10% **
C>10μF, 0.5±0.2Vrms; 120Hz±20%
** Test condition: 0.5±0.2Vrms;
1kHz±10%
X7R: 0603/475(6.3V)
X5R #1 :
0201≥224 (6.3V,10V,16V),
0402≥475 (6.3V,16V), 0402≥225(10V),
0603=106 (6.3V)
TT18X≥475(10V) , TT15X series
*Shall not exceed the limits given in the detailed spec.
3
Q/ D.F.
(Dissipation
Factor)
NP0: Cap≥30pF, Q≥1000; Cap<30pF,Q≥400+20C
X7R:
Rated
vol.
D.F.≦
Exception of D.F. ≦
^
100V
%
2.5%
%
3%
1206^0.47μF
%
3.5%
1812^4.7μF;1825≥4.7μF;2220≥4.7μF;2225≥
4.7μF
%
5%
0805>0.1μF, 0603^0.068μF,
1206>1μF;
^
50V
%
2.5%
%
3%
0201(50V); 0603^0.047μF;
0805^0.18μF;1206^0.47μF
%
3.5%
1812^4.7μF;1825≥4.7μF;2220≥4.7μF;2225≥
4.7μF
%
5%
0201^0.01uF; 0402≥0.012μF; 1210^3.3μF
%
10%
0402^0.1μF; 0603^1μF; 0805^1μF;
1206^4.7μF; 1210^10μF
35V
%
3.5%
%
10%
0603^1μF; 0805≥2.2μF; 1206^2.2μF;
1210^10μF
25V
%
3.5%
%
5%
0201^0.01μF;0805^1μF; 1210^10μF
%
7%
0603^0.33μF; 1206^4.7μF
%
10%
0402^0.10μF;0603^0.47μF;0805^2.2μF;
1206^6.8μF ; 1210^22μF;
%
12.5%
0402^0.33μF
Rated
vol.
D.F.≦
Exception of D.F. ≦
16V
%
3.5%
%
5%
0201^0.01μF; 0402^0.033μF; 0603^0.15μF;
0805^0.68μF; 1206^2.2μF; 1210^4.7μF
%
10%
0201/X7R^0.022μF; 0402^0.15uF;
0603>0.47μF; 0805^2.2μF; 1206^4.7μF;
1210^22μF
10V
%
5%
%
10%
0201^0.012μF; 0402^0.15μF;
0603^0.33μF; 0805^2.2μF; 1206^2.2μF;
1210^22μF
%
15%
0201^0.1μF; 0402^1μF
6.3V
%
10%
%
15%
0201^0.1μF;0402^1μF;0603^10μF;
0805^4.7μF; 1206^47μF :1210^100μF;
%
20%
0402^2.2μF
4V
%
15%
-
-
Reliability Test Conditions And Requirements:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com