Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C-15-002-R-SLC2I Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C-15-002-R-SLC2I
Description  1550nm 2.5Gbps Laser Diode Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C-15-002-R-SLC2I Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C-15-002-R-SLC2I Datasheet HTML 1Page - List of Unclassifed Manufacturers C-15-002-R-SLC2I Datasheet HTML 2Page - List of Unclassifed Manufacturers C-15-002-R-SLC2I Datasheet HTML 3Page - List of Unclassifed Manufacturers C-15-002-R-SLC2I Datasheet HTML 4Page - List of Unclassifed Manufacturers C-15-002-R-SLC2I Datasheet HTML 5Page - List of Unclassifed Manufacturers C-15-002-R-SLC2I Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
C-15-002-XX-SXXXX/XXX-X-XX
1550nm 2.5Gbps Laser Diode Module
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS528-JUN2606
rev. A.1
LUMINENTOIC.COM
Packaging Dimension
Units in mm.
Part Number: C-15-002-TX-SSCXX-XX
SC TOSA (L Power with Isolator)
SC TOSA (M&H&2 Power)
C-15-002-TX-SSCL-XX
C-15-002-TX-SSCLI-XX
C-15-002-TX-SSCXX-XX
SC TOSA (L Power)
A
DIMENSION A:7.77~8.37mm
OPTICAL PLANE
OPTICAL PLANE
OPTICAL PLANE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com