Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C-15-002-R-SLC2I Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # C-15-002-R-SLC2I
Description  1550nm 2.5Gbps Laser Diode Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C-15-002-R-SLC2I Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  C-15-002-R-SLC2I Datasheet HTML 1Page - List of Unclassifed Manufacturers C-15-002-R-SLC2I Datasheet HTML 2Page - List of Unclassifed Manufacturers C-15-002-R-SLC2I Datasheet HTML 3Page - List of Unclassifed Manufacturers C-15-002-R-SLC2I Datasheet HTML 4Page - List of Unclassifed Manufacturers C-15-002-R-SLC2I Datasheet HTML 5Page - List of Unclassifed Manufacturers C-15-002-R-SLC2I Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Luminent’s sole and absolute discretion. Luminent warrants perfor-
mance of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as
“preliminary” are given to describe components only, and Luminent expressly disclaims any and all warranties for said products, including express, implied,
and statutory warranties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the
company’s Terms and Conditions of Sale for further warranty information.
Luminent assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intel-
lectual property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and
Luminent makes no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights.
Products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or
death to persons. Luminent customers using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify
Luminent for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that Luminent is not liable for any actual, con-
sequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
Luminent to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2006
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended.
Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
6
1550nm 2.5Gbps Laser Diode Module
C-15-002-XX-SXXXX/XXX-X-XX
LUMNDS528-JUN2606
rev. A.1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Warnings
Legal Notice
Ordering Information
G5 = RoHS 5/6-compliant product (lead exemption)
GR = Full RoHS compliant product (no exemption)
-/G5/GR
Blank = RoHS non-compliant product
RoHS Compliant
C-15-002-XX-SXXXX/XXX-X-XX
Pin Assignment
"-" =A Type
D =DType
P=Pigtail
T=TOSA
R=Receptacle
Package
Wavelength
15=1550nm
- = PC Fiber
Flange type (-;O;V;K)
APC = APC Fiber
L/M/H/2
FC/ST/SC/MU/LC/-
Connector
Fiber Output Power
"I" = Isolator
"-" = No isolator
B =B Type



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com