Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1210F104F4R0CT Datasheet(PDF) 20 Page - Multicomp Pro

Part # 1210F104F4R0CT
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1210F104F4R0CT Datasheet(HTML) 20 Page - Multicomp Pro

Back Button 1210F104F4R0CT Datasheet HTML 16Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 17Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 18Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 19Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 20Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 21Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 22Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 23Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 24Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Page <20>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
No
Item
Test Condition
Requirements
6
Temperature
Coefficient
With no electrical load.
T.C.
Operating Temp
NPO
-55~125°C at 25°C
X7R
-55~125°C at 25°C
X7S
-55 ~ 125°C at 25°C
X5R
-55~ 85°C at 25°C
X6S
-55~105°C at 25°C
*Before initial measurement (Class II
only):
To apply de-aging at 150°C for 1hr then
set for 24±2 hrs at room temp.
* Measurement voltage for Class II:
T.C.
Capacitance Change
NPO
Within ±30ppm/°C
X7R
Within ±15%
X7S
Within ±22%
X5R
Within ±15%
X6S
Within ±22%
01005
0201
Cap≤0.01μF: 0.5V
Cap<0.1μF:1V
Cap>0.01μF: 0.2V
0.1μF≤Cap<1μF: 0.2V*
Cap≥1μF: 0.1V*
*0201X104/6.3V~25V: 0.5V
0201X224/10V~25V: 0.5V
*0201B104/6.3V~10V: 0.3V
0201S104/6.3V~16V: 0.3V
0201S224/6.3V: 0.3V
0201X334/474/105-6.3V&10V: 0.3V
0402
0603
Cap<1μF: 1V
Cap<1μF: 1V
Cap=1μF: 0.5V**
0402B224-16V: 0.5V
0402B334/474-6.3V&10V: 0.5V
0402S334/474-6.3V: 0.5V
0402X225/475-6.3V: 0.5V
1μF≤Cap≤4.7μF: 0.5V
0603X106-10V: 0.5V
1μF<Cap<10μF: 0.2V
**0402B105M6R3V: 0.2V
Cap>4.7μF: 0.2V
Cap≥10μF: 0.1V
0805
1206/1210
Cap<10μF: 1V
Cap≤10μF: 1V
Cap=10μF: 0.5V
0805B475/6.3V~25V: 0.5V
10μF<Cap≤100μF: 0.5V
Cap>10μF: 0.2V
Cap>100μF: 0.2V
1206X107-6.3V: 0.2V
1206A476-6.3V: 0.1V
1210S107-6.3V: 0.2V
7
Adhesive
Strength of
Termination
*Pressurizing force:
2N (0201) and 5N (≤0603) and 10N
(>0603)
* Test time: 10±1 sec.
* No remarkable damage or removal of the terminations.
8
Vibration
Resistance
* Vibration frequency: 10~55 Hz/min.
* Total amplitude: 1.5mm
* Test time: 6 hrs. (Two hrs each in
three mutually perpendicular
directions.)
*Before initial measurement (Class II
only):
To apply de-aging at 150°C for 1hr then
set for 24±2 hrs at room temp.
*Cap./DF(Q) Measurement to be made
after de-aging at 150°C for 1hr then
set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change and Q/D.F.: To meet initial spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com