Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1210F104F4R0CT Datasheet(PDF) 17 Page - Multicomp Pro

Part # 1210F104F4R0CT
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1210F104F4R0CT Datasheet(HTML) 17 Page - Multicomp Pro

Back Button 1210F104F4R0CT Datasheet HTML 13Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 14Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 15Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 16Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 17Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 18Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 19Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 20Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 21Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Page <17>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
No
Item
Test Condition
Requirements
Q/ D.F.
(Dissipation
Factor)
X6S:
0201/474(4V),0201>104 (6.3V,10V),
0402≥225 (6.3V),
0402/475 (10V), 0603/106 (6.3V),
X7S:
0402/225(6.3V)
#1 Excluding
X5R/0201/105(6.3V);225(10V);224
(16V),
0402X475M6R3, 0402X106M100
(1.0±0.2Vrms, 1kHz±10%)
*Before initial measurement
(Class II only):
To apply de-aging at 150°C for 1hr then
set for 24±2 hrs at room temp.
X5R:
Rated
vol.
D.F.≦
Exception of D.F. ≦
^
100V
%
2.5%
%
3%
1206^0.47μF
%
5%
0603^0.068μF; 0805^0.1μF; 1206^1μF;
1210^2.2μF
%
10%
0805>0.22μF; 1210^3.3μF
^
50V
%
2.5%
%
3%
0201(50V); 0603^0.047μF;
0805^0.18μF;1206^0.47μF
%
5%
0201^0.01uF; 0402^0.012μF;1210^3.3μF
%
10%
0402^0.047μF; 0603>0.1μF;
0805^1μF;1206^2.2μF; 1210^10μF
%
12.5%
1206=10μF
35V
%
3.5%
%
10%
0603^1μF; 0805≥2.2μF; 1206^2.2μF;
1210^10μF
25V
%
3.5%
%
5%
0201=0.01μF; 0805^1μF
%
7%
0603^0.33μF
%
10%
0201>0.01μF; 0402^0.10μF; 0603^0.47μF;
0805^2.2μF; 1206^4.7μF; 1210^10μF
%
12.5%
0402^0.33μF;0805=10μF
16V
%
3.5%
%
5%
0201=0.01μF; 0402^0.033μF; 0603^0.15μF;
0805^0.68μF; 1206^2.2μF; 1210^4.7μF
%
10%
0201>0.01uF; 0402^ 0.22uF;
0603>0.47μF; 0805^2.2μF; 1206^4.7μF;
1210^22μF
%
12.5%
0402^1μF;0805=10μF
10V
%
5%
%
10%
0201^0.012μF; 0402^0.22μF;
0603^0.33μF; 0805^2.2μF; 1206^2.2μF;
1210^22μF; 01R5/X5R
%
12.5%
0805=10μF
%
15%
0201>0.1μF; 0402^1μF; 0603^10μF
6.3V
%
10%
%
15%
0201>0.1μF; 0402^1μF; 0603^10μF;
0805^4.7μF; 1206^47μF; 1210^100μF
%
20%
0402^2.2μF
4V
%
15%
-
-
Y5V:
Rated
vol.
D.F.≦
Exception of D.F. ≦
^
50V
%
5%
%
7%
0603^0.1μF;0805^0.47μF;1206^4.7μF
%
12.5%
1210^6.8μF
35V
%
7%
-
-
25V
%
5%
%
7%
0402^0.047μF;0603^0.1μF;0805^0.33μF;
1206^1μF;1210^4.7μF
%
9%
0402^0.068μF;0603^0.47μF;1206^4.7μF;
1210^22μF
16V
(C<1μF)
%
7%
%
9%
0402^0.068μF;0603^0.68μF
%
12.5%
0402^0.22μF
16V
(C≧1.0μF)
%
9%
%
12.5%
0603^2.2μF;0805^3.3μF;1206^10μF;
1210^22μF;1812^47μF
10V
%
12.5%
%
20%
0402^0.47μF
6.3V
%
20%
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com