Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC0X11D Datasheet(PDF) 16 Page - Texas Instruments

Part # AMC0X11D
Description  AMC0x11D Precision, 2V Input, Basic and Reinforced Isolated Amplifiers with Fixed-Gain and Differential Output
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X11D Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC0X11D Datasheet HTML 12Page - Texas Instruments AMC0X11D Datasheet HTML 13Page - Texas Instruments AMC0X11D Datasheet HTML 14Page - Texas Instruments AMC0X11D Datasheet HTML 15Page - Texas Instruments AMC0X11D Datasheet HTML 16Page - Texas Instruments AMC0X11D Datasheet HTML 17Page - Texas Instruments AMC0X11D Datasheet HTML 18Page - Texas Instruments AMC0X11D Datasheet HTML 19Page - Texas Instruments AMC0X11D Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
6.17 Typical Characteristics
at VDD1 = 5V, VDD2 = 3.3V, SNSN = GND1, fIN = 10kHz, and BW = 100kHz (unless otherwise noted)
3
3.5
4
4.5
5
5.5
VDDx (V)
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
vs VDD1
vs VDD2
G027
Figure 6-6. Input Offset Voltage vs Supply Voltage
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (°C)
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
Device 1
Device 2
Device 3
G026
Figure 6-7. Input Offset Voltage vs Temperature
3
3.5
4
4.5
5
5.5
VDDx (V)
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
vs VDD1
vs VDD2
G020
Figure 6-8. Gain Error vs Supply Voltage
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (°C)
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
Device 1
Device 2
Device 3
G021
Figure 6-9. Gain Error vs Temperature
0.1
1
10
100
1000
10000
Frequency (kHz)
0
1
2
3
4
5
6
7
8
G017
Figure 6-10. Input-Referred Noise Density vs Frequency
1
10
100
1000
f
IN(kHz)
-35
-30
-25
-20
-15
-10
-5
0
5
G007
Figure 6-11. Normalized Gain vs Input Frequency
AMC0211D, AMC0311D
SBASAR3B – DECEMBER 2024 – REVISED NOVEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0211D AMC0311D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com