Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC0X11D Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC0X11D
Description  AMC0x11D Precision, 2V Input, Basic and Reinforced Isolated Amplifiers with Fixed-Gain and Differential Output
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X11D Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC0X11D Datasheet HTML 9Page - Texas Instruments AMC0X11D Datasheet HTML 10Page - Texas Instruments AMC0X11D Datasheet HTML 11Page - Texas Instruments AMC0X11D Datasheet HTML 12Page - Texas Instruments AMC0X11D Datasheet HTML 13Page - Texas Instruments AMC0X11D Datasheet HTML 14Page - Texas Instruments AMC0X11D Datasheet HTML 15Page - Texas Instruments AMC0X11D Datasheet HTML 16Page - Texas Instruments AMC0X11D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
6.13 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD1 = 3.0V to 5.5 V, VDD2 = 3.0V to 5.5V, SNSN
= GND1, VINP = –0.1V to 2V (unless otherwise noted); typical specifications are at TA = 25°C, VDD1 = 5V, and VDD2 = 3.3V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
CIN
Input capacitance
2
pF
RINP
Input impedance
INP pin to GND1
0.05
2.4
GΩ
IIB, INP
Input bias current(1)
INP pin, INP = GND1
–10
±3
10
nA
CMTI
Common-mode transient immunity
150
V/ns
ANALOG OUTPUT
Nominal gain
1
V/V
VCMout
Output common-mode voltage
1.39
1.44
1.50
V
VCLIPout
Clipping differential output voltage
VOUT = (VOUTP – VOUTN);
VIN > VClipping
2.49
V
VFAILSAFE Fail-safe differential output voltage VDD1 undervoltage, or VDD1 missing
–2.57
–2.53
V
ROUT
Output resistance
OUTP or OUTN
<0.2
Ω
Output short-circuit current
On OUTP or OUTN, sourcing or sinking,
INP = GND1, outputs shorted to
either GND2 or VDD2
11
mA
DC ACCURACY
VOS
Input offset voltage(1) (2)
TA = 25°C
–0.8
±0.1
0.8
mV
TCVOS
Input offset thermal drift(1) (2) (4)
–10
±1
10
µV/°C
EG
Gain error(1)
TA = 25℃
–0.25%
±0.04%
0.25%
TCEG
Gain error drift(1) (5)
–50
±5
50 ppm/°C
Nonlinearity
–0.035%
0.002%
0.035%
Output noise
INP = GND1, BW = 50kHz
200
µVRMS
PSRR
Power-supply rejection ratio(2)
VDD1 DC PSRR, INP = GND1,
VDD1from 3V to 5.5V
–77
dB
VDD1AC PSRR, INP = GND1,
VDD1with 10kHz / 100mV ripple
–56
VDD2 DC PSRR, INP = GND1,
VDD2 from 3V to 5.5V
–100
VDD2 AC PSRR, INP = GND1,
VDD2 with 10kHz / 100mV ripple
–69
AC ACCURACY
BW
Output bandwidth
120
145
kHz
THD
Total harmonic distortion(3)
VINP = 2VPP, VINP > 0V,
fIN = 10kHz
–83
–73
dB
SNR
Signal-to-noise ratio
VINP = 2VPP, fINP = 1kHz, BW = 10kHz
75
80
dB
VINP = 2VPP, fINP = 10kHz, BW = 50kHz
70
POWER SUPPLY
IDD1
High-side supply current
4.4
5.6
mA
IDD2
Low-side supply current
6.2
9.7
mA
VDD1UV
High-side undervoltage detection
threshold
VDD1 rising
2.4
2.6
2.8
V
VDD1 falling
1.9
2.05
2.2
VDD2UV
Low-side undervoltage detection
threshold
VDD2 rising
2.3
2.5
2.7
V
VDD2 falling
1.9
2.05
2.2
(1)
The typical value includes one standard deviation (sigma) at nominal operating conditions.
(2)
This parameter is input referred.
(3)
THD is the ratio of the rms sum of the amplitudes of first five higher harmonics to the amplitude of the fundamental.
www.ti.com
AMC0211D, AMC0311D
SBASAR3B – DECEMBER 2024 – REVISED NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC0211D AMC0311D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com