Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDD4956 Datasheet(PDF) 5 Page - Potens Semiconductor Corp.

Part # PDD4956
Description  40V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDD4956 Datasheet(HTML) 5 Page - Potens Semiconductor Corp.

  PDD4956 Datasheet HTML 1Page - Potens Semiconductor Corp. PDD4956 Datasheet HTML 2Page - Potens Semiconductor Corp. PDD4956 Datasheet HTML 3Page - Potens Semiconductor Corp. PDD4956 Datasheet HTML 4Page - Potens Semiconductor Corp. PDD4956 Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Potens semiconductor corp.
Ver.1.00
5
PDD4956
40V N-Channel MOSFETs
Symbol
Dimensions In Millimeters
Dimensions In Inches
MAX
MIN
MAX
MIN
A
2.400
2.200
0.094
0.087
A1
1.110
0.910
0.044
0.036
A2
0.150
0.000
0.006
0.000
B
6.800
6.400
0.268
0.252
C
0.580
0.450
0.023
0.018
C1
0.580
0.460
0.023
0.018
D
5.500
5.100
0.217
0.201
E
2.386
2.186
0.094
0.086
F
0.940
0.600
0.037
0.024
F1
0.860
0.500
0.034
0.020
L
10.400
9.400
0.409
0.370
L1
3.000
2.400
0.118
0.094
L2
6.200
5.400
0.244
0.213
L3
1.200
0.600
0.047
0.024
θ
9°
3°
9°
3°
TO252 PACKAGE INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com