Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYP15G0401TB-BGC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYP15G0401TB-BGC
Description  Quad HOTLink II??Transmitter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0401TB-BGC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYP15G0401TB-BGC Datasheet HTML 1Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 2Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 3Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 4Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 5Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 6Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 7Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 8Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PRELIMINARY
Quad HOTLink II™ Transmitter
CYP15G0401TB
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-02112 Rev. **
Revised February 14, 2005
Features
• Quad transmitter for 195 to 1500 MBaud serial signaling
rate
— Aggregate throughput of 6 GBits/second
• Second-generation HOTLink® technology
• Compliant to multiple standards
— ESCON, DVB-ASI, Fibre Channel and Gigabit
Ethernet (IEEE802.3z)
— 8B/10B encoded or 10-bit unencoded data
• Selectable parity check
• Selectable input clocking options
• Synchronous LVTTL parallel interface
• Optional Phase Align Buffer in Transmit Path
• Internal phase-locked loop (PLL) with no external PLL
components
• Dual differential PECL-compatible serial outputs per
channel
— Source matched for 50
Ω transmission lines
— No external bias resistors required
— Signaling-rate controlled edge-rates
• Compatible with
— fiber-optic modules
— copper cables
— circuit board traces
• JTAG boundary scan
• Built-In Self-Test (BIST) for at-speed link testing
• Low power 1.9W @ 3.3V typical
• Single 3.3V supply
• 256-ball thermally enhanced BGA
• Pb free package option available
• 0.25
µ BiCMOS technology
Functional Description
The CYP15G0401TB Quad HOTLink II™ Transmitter is a
point-to-point or point-to-multipoint communications building
block allowing the transfer of data over high-speed serial links
(optical fiber, balanced, and unbalanced copper transmission
lines) at signaling speeds ranging from 195-to-1500 MBaud
per serial link.
Each transmitter accepts parallel characters in an Input
Register, encodes each character for transport, and converts
it to serial data. Figure 1 illustrates typical connections
between independent host systems and corresponding
CYP15G0401TB and CYP15G0401RB parts.
As a second-generation HOTLink device, the CYP15G0401TB
extends the HOTLink family with enhanced levels of
integration and faster data rates, while maintaining serial-link
compatibility (data, command, and BIST) with other HOTLink
devices. The transmitters (TX) of the CYP15G0401TB Quad
HOTLink II consist of four byte-wide channels. Each channel
can accept either eight-bit data characters or pre-encoded
10-bit transmission characters. Data characters are passed
from the Transmit Input Register to an embedded 8B/10B
Encoder to improve their serial transmission characteristics.
These encoded characters are then serialized and output from
dual Positive ECL (PECL)-compatible differential trans-
mission-line drivers at a bit-rate of either 10- or 20-times the
input reference clock. The integrated 8B/10B Encoder may be
bypassed for systems that present externally encoded or
scrambled data at the parallel interface.
Figure 1. HOTLink II System Connections
Serial Link
10
10
10
10
10
10
10
Serial Link
Serial Link
Serial Link
Backplane or
Cabled
Connections
10


Similar Part No. - CYP15G0401TB-BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
Quad HOTLink II Transceiver
CYP15G0401DXA-BGC CYPRESS-CYP15G0401DXA-BGC Datasheet
1Mb / 48P
Quad HOTLink II Transceiver
CYP15G0401DXA-BGI CYPRESS-CYP15G0401DXA-BGI Datasheet
1Mb / 48P
Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
571Kb / 53P
Quad HOTLink II??Transceiver
More results

Similar Description - CYP15G0401TB-BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
Quad HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
Quad HOTLink II Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
Independent Clock Quad HOTLink II??Transceiver
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
Independent Clock Quad HOTLink II??Serializer
CYV15G0404RB CYPRESS-CYV15G0404RB_07 Datasheet
452Kb / 27P
Independent Clock Quad HOTLink II??Deserializing Reclocker
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
Quad HOTLink II??Transceiver
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
Quad HOTLink II??Receiver
CYP15G0402DXB CYPRESS-CYP15G0402DXB Datasheet
615Kb / 29P
Quad HOTLink II??SERDES
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
Independent Clock Quad HOTLink II Transceiver
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
Independent Clock Quad HOTLink II Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com