Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYP15G0401TB-BGC Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYP15G0401TB-BGC
Description  Quad HOTLink II??Transmitter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0401TB-BGC Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYP15G0401TB-BGC Datasheet HTML 19Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 20Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 21Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 22Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 23Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 24Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 25Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 26Page - Cypress Semiconductor CYP15G0401TB-BGC Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
PRELIMINARY
CYP15G0401TB
Document #: 38-02112 Rev. **
Page 23 of 30
mitter calculates a new value for its running disparity based on
the contents of the transmitted character. Special Character
codes C1.7 and C2.7 can be used to force the transmission of
a specific Special Character with a specific running disparity
as required for some special sequences in X3.230.
After powering on, the Receiver may assume either a positive
or negative value for its initial running disparity. Upon reception
of any Transmission Character, the Receiver decides whether
the Transmission Character is valid or invalid according to the
following rules and tables and calculates a new value for its
Running Disparity based on the contents of the received
character.
The following rules for running disparity are used to calculate
the new running-disparity value for Transmission Characters
that have been transmitted and received.
Running disparity for a Transmission Character is calculated
from sub-blocks, where the first six bits (abcdei) form one
sub-block and the second four bits (fghj) form the other
sub-block. Running disparity at the beginning of the six-bit
sub-block is the running disparity at the end of the previous
Transmission Character. Running disparity at the beginning of
the four-bit sub-block is the running disparity at the end of the
six-bit sub-block. Running disparity at the end of the Trans-
mission Character is the running disparity at the end of the
four-bit sub-block.
Running disparity for the sub-blocks is calculated as follows:
1. Running disparity at the end of any sub-block is positive if
the sub-block contains more ones than zeros. It is also pos-
itive at the end of the six-bit sub-block if the six-bit sub-block
is 000111, and it is positive at the end of the four-bit
sub-block if the four-bit sub-block is 0011.
2. Running disparity at the end of any sub-block is negative if
the sub-block contains more zeros than ones. It is also
negative at the end of the six-bit sub-block if the six-bit
sub-block is 111000, and it is negative at the end of the
six-bit sub-block if the four-bit sub-block is 1100.
3. Otherwise, running disparity at the end of the sub-block is
the same as at the beginning of the sub-block.
Use of the Tables for Generating Transmission Characters
The appropriate entry in Table 13 for the Valid Data byte or
Table 14 for Special Character byte identify which Trans-
mission Character is to be generated. The current value of the
Transmitter’s running disparity is used to select the Trans-
mission Character from its corresponding column. For each
Transmission Character transmitted, a new value of the
running disparity is calculated. This new value is used as the
Transmitter’s current running disparity for the next Valid Data
byte or Special Character byte to be encoded and transmitted.
Table 11shows naming notations and examples of valid trans-
mission characters.
Use of the Tables for Checking the Validity of Received
Transmission Characters
The column corresponding to the current value of the
Receiver’s running disparity is searched for the received
Transmission
Character.
If
the
received
Transmission
Character is found in the proper column, then the Trans-
mission Character is valid and the associated Data byte or
Special Character code is determined (decoded). If the
received Transmission Character is not found in that column,
then the Transmission Character is invalid. This is called a
code violation. Independent of the Transmission Character’s
validity, the received Transmission Character is used to
calculate a new value of running disparity. The new value is
used as the Receiver’s current running disparity for the next
received Transmission Character.
Detection of a code violation does not necessarily show that
the Transmission Character in which the code violation was
detected is in error. Code violations may result from a prior
error that altered the running disparity of the bit stream which
did not result in a detectable error at the Transmission
Character in which the error occurred. Table 11 shows an
example of this behavior.
Table 11.Valid Transmission Characters
Data
Byte Name
DIN or QOUT
Hex Value
765
43210
D0.0
000
00000
00
D1.0
000
00001
01
D2.0
000
00010
02
.
.
.
.
.
.
.
.
D5.2
010
00101
45
.
.
.
.
.
.
.
.
D30.7
111
11110
FE
D31.7
111
11111
FF
Table 12.Code Violations Resulting from Prior Errors
RD
Character
RD
Character
RD
Character
RD
Transmitted data character
–
D21.1
–
D10.2
–
D23.5
+
Transmitted bit stream
–
101010 1001
–
010101 0101
–
111010 1010
+
Bit stream after error
–
101010 1011
+
010101 0101
+
111010 1010
+
Decoded data character
–
D21.0
+
D10.2
+
Code Violation
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com