Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYP15G0401TB-BGI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYP15G0401TB-BGI
Description  Quad HOTLink II??Transmitter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0401TB-BGI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYP15G0401TB-BGI Datasheet HTML 2Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 3Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 4Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 5Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 6Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 7Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 8Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 9Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
PRELIMINARY
CYP15G0401TB
Document #: 38-02112 Rev. **
Page 6 of 30
Pin Descriptions
CYP15G0401TB Quad HOTLink II Transmitter
Pin Name
I/O Characteristics
Signal Description
Transmit Path Data Signals
TXPERA
TXPERB
TXPERC
TXPERD
LVTTL Output, changes
relative to REFCLK
↑ [2]
Transmit Path Parity Error. Active HIGH. Asserted (HIGH) if parity checking is
enabled and a parity error is detected at the Encoder. This output is HIGH for one
transmit character clock period to indicate detection of a parity error in the character
presented to the Encoder.
If a parity error is detected, the character in error is replaced with a C0.7 character to
force a corresponding bad-character detection at the remote end of the link. This
replacement takes place regardless of the encoded/non-encoded state of the
interface.
When BIST is enabled for the specific transmit channel, BIST progress is presented
on these outputs. Once every 511 character times, the associated TXPERx signal will
pulse HIGH for one transmit-character clock period to indicate a complete pass
through the BIST sequence. Therefore, in this case TXPERx signal will pulse HIGH
for one transmit-character clock period.
These outputs also provide indication of a transmit Phase-align Buffer underflow or
overflow. When the transmit Phase-align Buffers are enabled (TXCKSEL
≠ LOW, or
TXCKSEL = LOW and TXRATE = HIGH), if an underflow or overflow condition is
detected, TXPERx for the channel in error is asserted and remains asserted until
either an atomic Word Sync Sequence is transmitted or TXRST is sampled LOW to
re-center the transmit Phase-align Buffers.
TXCTA[1:0]
TXCTB[1:0]
TXCTC[1:0]
TXCTD[1:0]
LVTTL Input,
synchronous,
sampled by the
selected TXCLKx
↑ or
REFCLK
↑ [2]
Transmit Control. These inputs are captured on the rising edge of the transmit
interface clock as selected by TXCKSEL, and are passed to the Encoder or Transmit
Shifter. They identify how the associated TXDx[7:0] characters are interpreted. When
the Encoder is bypassed, these inputs are interpreted as data bits of 10-bit input
character. When the Encoder is enabled, these inputs determine if the TXDx[7:0]
character is encoded as Data, a Special Character code, a K28.5 fill character or a
Word Sync Sequence. See Table 1 for details.
TXDA[7:0]
TXDB[7:0]
TXDC[7:0]
TXDD[7:0]
LVTTL Input,
synchronous,
sampled by the
selected TXCLKx
↑ or
REFCLK
↑ [2]
Transmit Data Inputs. These inputs are captured on the rising edge of the transmit
interface clock as selected by TXCKSEL and passed to the Encoder or Transmit
Shifter.
When the Encoder is enabled (TXMODE[1:0]
≠ LOW), TXDx[7:0] specify the specific
data or command character to be sent. When the Encoder is bypassed, these inputs
are interpreted as data bits of the 10-bit input character. See Table 1 for details.
TXOPA
TXOPB
TXOPC
TXOPD
LVTTL Input,
synchronous,
internal pull-up,
sampled by the
respective TXCLKx
↑ or
REFCLK
↑ [2]
Transmit Path Odd Parity. When parity checking is enabled (PARCTL
≠ LOW), the
parity captured at these inputs is XORed with the data on the associated TXDx bus
(and sometimes TXCT[1:0]) to verify the integrity of the captured character. See
Table 2 for details.
SCSEL
LVTTL Input,
synchronous,
internal pull-down,
sampled by
TXCLKA
↑
or REFCLK
↑ [2]
Special Character Select. Used in some transmit modes along with TXCTx[1:0] to
encode special characters or to initiate a Word Sync Sequence. When the transmit
paths are configured for independent input clocks (TXCKSEL = MID), SCSEL is
captured relative to TXCLKA
↑.
Note:
2. When REFCLK is configured for half-rate operation (TXRATE = HIGH), these inputs are sampled (or the outputs change) relative to both the rising and falling
edges of REFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com