Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYP15G0401TB-BGI Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CYP15G0401TB-BGI
Description  Quad HOTLink II??Transmitter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0401TB-BGI Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CYP15G0401TB-BGI Datasheet HTML 22Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 23Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 24Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 25Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 26Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 27Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 28Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 29Page - Cypress Semiconductor CYP15G0401TB-BGI Datasheet HTML 30Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
PRELIMINARY
CYP15G0401TB
Document #: 38-02112 Rev. **
Page 29 of 30
© Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Diagram
HOTLink is a registered trademark, and HOTLink II, and MultiFrame are trademarks, of Cypress Semiconductor. IBM and ESCON
are registered trademarks, and FICON is a trademark, of International Business Machines. All product and company names
mentioned in this document are the trademarks of their respective holders.
Ordering Information
Speed
Ordering Code
Package Name
Package Type
Operating Range
Standard
CYP15G0401TB-BGC
BL256
256-ball Thermally Enhanced Ball Grid Array
Commercial
Standard
CYP15G0401TB-BGI
BL256
256-ball Thermally Enhanced Ball Grid Array
Industrial
Standard
CYP15G0401TB-BGXC
BL256
Pb Free 256-ball Thermally Enhanced Ball Grid
Array
Commercial
Standard
CYP15G0401TB-BGXI
BL256
Pb Free 256-ball Thermally Enhanced Ball Grid
Array
Industrial
A
B
0.15
C
0.15
C
0.97 REF.
0.60±0.10
1.57±0.175
C
0.20 MIN
SEATING PLANE
SIDE VIEW
TOP VIEW
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
A
Ø0.15 M C
Ø0.30 M C
Ø0.75±0.15(256X)
B
A
BOTTOM VIEW (BALL SIDE)
A
0.20(4X)
TOP OF MOLD COMPOUND
TO TOP OF BALLS
26°
TYP.
A1 CORNER I.D.
0.50 MIN.
27.00±0.13
24.13
A1 CORNER I.D.
R 2.5 Max (4X)
256-Lead L2 Ball Grid Array (27 x 27 x 1.57 mm) BL256
51-85123-*E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com