Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6LC48H02QLIEX Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI6LC48H02QLIEX
Description  PCIe® 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs for Automotive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6LC48H02QLIEX Datasheet(HTML) 2 Page - Diodes Incorporated

  PI6LC48H02QLIEX Datasheet HTML 1Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 2Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 3Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 4Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 5Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 6Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 7Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 8Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
22
PI6LC48H02Q
Rev A
www.diodes.com
December 2016
© Diodes Incorporated
16-0217
A product Line of
Diodes Incorporated
PI6LC48H02Q
Pin Description
Pin # Pin Name
I/O Type
Description
1
S0
Input
Select pin 0 (Internal pull-up resistor). See Table 1.
2
S1
Input
Select pin 1 (Internal pull-up resistor). See Table 1.
3
NC
-
Do not connect
4
X1/CLK
Input
Crystal or clock input. Connect to a 25MHz crystal or single ended clock.
5
X2
Output
Crystal connection. Leave unconnected for clock input.
6
OE
Input
Output enable. Internal pull-up resistor.
7
GND
Power
Ground
8
NC
-
Do not connect
9
IREF
Output
Precision resistor attached to this pin is connected to the internal current reference.
10
CLK1
Output
HCSL compliment clock output
11
CLK1
Output
HCSL clock output
12
VDDA
Power
Connect to a +3.3V source.
13
GNDA
Power
Output and analog circuit ground.
14
CLK0
Output
HCSL compliment clock output
15
CLK0
Output
HCSL clock output
16
VDDX
Power
Connect to a +3.3V source.
Table 1: Output Select Table
S1
S0
CLK(MHz)
0
0
25
0
1
100
1
0
125
1
1
200



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com