Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6LC48H02QLIEX Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI6LC48H02QLIEX
Description  PCIe® 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs for Automotive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6LC48H02QLIEX Datasheet(HTML) 3 Page - Diodes Incorporated

  PI6LC48H02QLIEX Datasheet HTML 1Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 2Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 3Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 4Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 5Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 6Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 7Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 8Page - Diodes Incorporated PI6LC48H02QLIEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
33
PI6LC48H02Q
Rev A
www.diodes.com
December 2016
© Diodes Incorporated
16-0217
A product Line of
Diodes Incorporated
PI6LC48H02Q
Application Information
Decoupling Capacitors
Decoupling capacitors of 0.01μF should be connected between
each VDD pin and the ground plane and placed as close to the
VDD pin as possible.
Crystal
Use a 25MHz fundamental mode parallel resonant crystal with
less than 300PPM of error across temperature.
Crystal Capacitors
CL = Crystals's load capacitance in pF
Crystal Capacitors (pF) = (CL - 8) *2
For example, for a crystal with 16pF load caps, the external ef-
fective crystal cap would be 16 pF. (16-8)*2=16.
Current Source (IREF) Reference Resistor - RR
If board target trace impedance is 50Ω,
then RR = 475Ω providing an IREF of 2.32 mA. The output cur-
rent (IOH) is 6*IREF.
Output Termination
The PCI Express differential clock outputs of the PI6LC48H02
are open source drivers and require an external series resistor
and a resistor to ground. These resistor values and their allow-
able locations are shown in detail in the PCI Express Layout
Guidelines section.
The PI6LC48H02 can be configured for LVDS compatible volt-
age levels. See the LVDS Compatible Layout Guidelines section.
Output Structures
R
R=475
6*IREF
=2.3mA
IREF
See Output Termination
Sections
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com