Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDEC09F0BZ Datasheet(PDF) 5 Page - Potens Semiconductor Corp.

Part # PDEC09F0BZ
Description  100V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEC09F0BZ Datasheet(HTML) 5 Page - Potens Semiconductor Corp.

  PDEC09F0BZ Datasheet HTML 1Page - Potens Semiconductor Corp. PDEC09F0BZ Datasheet HTML 2Page - Potens Semiconductor Corp. PDEC09F0BZ Datasheet HTML 3Page - Potens Semiconductor Corp. PDEC09F0BZ Datasheet HTML 4Page - Potens Semiconductor Corp. PDEC09F0BZ Datasheet HTML 5Page - Potens Semiconductor Corp. PDEC09F0BZ Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Potens semiconductor corp.
Ver.1.00
5
PDEC09F0BZ
100V N-Channel MOSFETs
Symbol
Dimensions In Millimeters
Dimensions In Inches
MAX
MIN
MAX
MIN
A
0.900
0.700
0.035
0.028
b
0.350
0.250
0.014
0.010
c
0.250
0.100
0.010
0.004
D
3.500
3.050
0.138
0.120
D1
3.200
2.900
0.126
0.114
D2
1.950
1.350
0.077
0.053
E
3.400
3.000
0.134
0.118
E1
3.300
2.900
0.130
0.114
E2
2.600
2.350
0.102
0.093
e
0.65BSC
0.026BSC
H
0.750
0.300
0.030
0.012
L
0.600
0.300
0.024
0.012
L1
0.200
0.060
0.008
0.002
θ
14°
6°
14°
6°
PPAK3x3 PACKAGE INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com