Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDEN69A8LS Datasheet(PDF) 1 Page - Potens Semiconductor Corp.

Part # PDEN69A8LS
Description  60V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEN69A8LS Datasheet(HTML) 1 Page - Potens Semiconductor Corp.

  PDEN69A8LS Datasheet HTML 1Page - Potens Semiconductor Corp. PDEN69A8LS Datasheet HTML 2Page - Potens Semiconductor Corp. PDEN69A8LS Datasheet HTML 3Page - Potens Semiconductor Corp. PDEN69A8LS Datasheet HTML 4Page - Potens Semiconductor Corp. PDEN69A8LS Datasheet HTML 5Page - Potens Semiconductor Corp. PDEN69A8LS Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Potens semiconductor corp.
Ver.1.00
1
PDEN69A8LS
60V N-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous (TA=25℃)
0.5
A
Drain Current
– Continuous (TA=70℃)
0.4
A
IDM
Drain Current
– Pulsed1
2
A
PD
Power Dissipation (TA=25℃)
1.56
W
Power Dissipation
– Derate above 25℃
12.5
mW/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
BVDSS
RDSON
ID
60V
3.5
0.5A
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
80
℃/W
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 60V,0.5A, RDS(ON) =3.5
Ω@VGS=10V
 Improved dv/dt capability
 Fast switching
 Green Device Available
 G-S ESD Protection Diode Embedded
General Description
Features
Applications
 Motor Drive
 Power Tools
 LED Lighting
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
SOT23-3S Pin Configuration
D
G
S
D
S
G


Similar Part No. - PDEN69A8LS

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDEN69A8S POTENS-PDEN69A8S Datasheet
1Mb / 6P
60V N-Channel MOSFETs
Ver.1.02
More results

Similar Description - PDEN69A8LS

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK6960DFN56 FS-FTK6960DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6960D FS-FTK6960D Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6904Z FS-FTK6904Z Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910 FS-FTK6910 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910D FS-FTK6910D Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910P FS-FTK6910P Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6912I FS-FTK6912I Datasheet
895Kb / 5P
60V N-Channel MOSFETs
FTK6912T FS-FTK6912T Datasheet
800Kb / 5P
60V N-Channel MOSFETs
FTK6964 FS-FTK6964 Datasheet
680Kb / 5P
60V N-Channel MOSFETs
FTK6990DFN56 FS-FTK6990DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com