Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

69-40-0750-T405-R Datasheet(PDF) 4 Page - PARKER HANNIFIN CORP

Part # 69-40-0750-T405-R
Description  THERMATTACH® Double-Sided Thermal Tapes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARKER [PARKER HANNIFIN CORP]
Direct Link  https://www.parker.com/us/en/home.html
Logo PARKER - PARKER HANNIFIN CORP

69-40-0750-T405-R Datasheet(HTML) 4 Page - PARKER HANNIFIN CORP

  69-40-0750-T405-R Datasheet HTML 1Page - PARKER HANNIFIN CORP 69-40-0750-T405-R Datasheet HTML 2Page - PARKER HANNIFIN CORP 69-40-0750-T405-R Datasheet HTML 3Page - PARKER HANNIFIN CORP 69-40-0750-T405-R Datasheet HTML 4Page - PARKER HANNIFIN CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Chomerics
25
Materials Needed
• Clean lint-free cloth rag
• Industrial solvent
• Rubber gloves
For optimal performance,
Chomerics recommends interface
flatness of 0.001 in/in (0.025 mm/25
mm) to 0.002 in/in (0.050 mm/25
mm) maximum.
Step 1: Ensure that bonding
surfaces are free from oil, dust, or
any contamination that may affect
bonding. Using rubber gloves, wipe
surfaces with a cloth dampened
with industrial solvents such as
MEK, toluene, acetone or isopropyl
alcohol.
Step 2: Cut tape to size* and
remove a liner or remove pre-cut
tape from roll.
*Note: Due to variations in heat
sink surfaces, Chomerics’ data
indicates that it sometimes
is beneficial to be cut slightly
smaller than the area of the heat
sink. See illustration.
Step 3: Apply to center of heat sink
bonding area and smooth over
entire surface using moderate hand
pressure / rubbing motion. A roller
may be useful to help smooth the
part to the surface by rolling from
the center out to beyond the edges
of the part. This ensures optimal
contact between tape and heat sink.
Step 4: Center heat sink onto
component and apply using any one
of the recommended temperature/
pressure options:
More pressure equals better
wetting out of the adhesive to the
contact surfaces. A twisting motion
during assembly of the substrates
will typically improve wetting.
Note that typically 70% of the
ultimate adhesive bond strength
is achieved with initial application,
and 80-90% is reached within 15
minutes. Ultimate adhesive strength
is achieved within 36 hours;
however the next manufacturing
step can typically occur immediately
following the initial application.
Removal Instructions
Materials needed: Single-edged
razor blade or a small, thin-bladed
pocketknife; soft, thin metal
spatula. Use safety precautions
when handling sharp instruments
and organic solvents.
Step 1: Carefully insert the blade
edge into the bond line at a corner
THERMATTACH® Tape
between the heat sink and the
component. The penetration need
not be very deep.
Step 2: Remove the blade and insert
the spatula into the wedge. Slowly
twist the spatula blade so that it
exerts a slight upward pressure.
Step 3: As the two surfaces start
to separate, move the spatula
blade deeper into the bond line and
continue the twisting motion and
upward force.
Step 4: After the two components
are separated, the tape can be
removed and discarded. If adhesive
remains on the component surfaces,
it must be removed. Wipe with a
clean rag (lint-free) dabbed with
MEK, toluene, or isopropyl alcohol.
Use sufficient solvent to remove all
adhesive.
Step 5: Solvent cleaned components
must be verified 100% free
of cleaning solvent prior to
reattachment of adhesive.
* Performance rated on a scale of 1-5, 5 being the best. N/R = Not Recommended.
Thermally Conductive Attachment Tapes
Typical Properties
T418
T412
T404 / T414
T405 / T405-R
T411
Ceramic Attachment
5
3
4
4
4
Metal Attachment
5
3
4
4
4
Plastic Attachment
N/R
N/R
N/R
N/R
5
Dielectric Performance
3
N/R
5
N/R
N/R
Thermal Performance
2
5
3
4
2
Relative Thermal Performance
Minimum: 10 psi at room
temperature for 15 seconds
PREFERRED: 30 psi at room
temperature for 5 seconds
THERMATTACH® Thermally Conductive Attachment Tapes
Tape Application Instructions: T404, T405, T405-R, T411, T412, T413, T414, T418



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com