Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

69-40-0750-T405-R Datasheet(PDF) 3 Page - PARKER HANNIFIN CORP

Part # 69-40-0750-T405-R
Description  THERMATTACH® Double-Sided Thermal Tapes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARKER [PARKER HANNIFIN CORP]
Direct Link  https://www.parker.com/us/en/home.html
Logo PARKER - PARKER HANNIFIN CORP

69-40-0750-T405-R Datasheet(HTML) 3 Page - PARKER HANNIFIN CORP

  69-40-0750-T405-R Datasheet HTML 1Page - PARKER HANNIFIN CORP 69-40-0750-T405-R Datasheet HTML 2Page - PARKER HANNIFIN CORP 69-40-0750-T405-R Datasheet HTML 3Page - PARKER HANNIFIN CORP 69-40-0750-T405-R Datasheet HTML 4Page - PARKER HANNIFIN CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
24
ENGINEERING YOUR SUCCESS.
Ordering Information
THERMATTACH® Thermally Conductive Attachment Tapes
Sheets form, roll form, or die-cut parts. Offered on continuous rolls.
A general ordering information table is included below for reference.
Part Number:
These attachment tapes are available in the following formats.
Contact Chomerics for custom widths, part sizes, etc.
W = 0 (Standard Part)
XX = 13 for PSA two sides YYYY = 4 digit alpha/numeric part number.
Contact Chomerics.
Material Type
ZZZZ =
T405
T405-R
T411
T412
T418
W = 7 (Roll of material) XX = 10 (100 foot roll)
XX = 40 (400 foot roll)
YYYY = 0750 for 7.5” wide
YYYY = 1150 for 11.5” wide
YYYY = 2400 for 24” wide
For T404/T414 Only:
YYYY= 0600 for 6”wide
YYYY= 0900 for 9” wide
YYYY= 1900 for 19” wide*
W = 9 (Custom part)
XX = 13 for PSA two sides YYYYY = Custom Part Number.
Contact Chomerics
6W
XX
YYYY
ZZZZ
Handling Information
These products are defined by
Chomerics as “articles” according
to the following generally
recognized regulatory definition for
articles:
An article is a manufactured item
“formed to a specific shape or
design during manufacturing,”
which has “end use functions”
dependent upon its size and shape
during end use and which has
generally “no change of chemical
composition during its end use.”
In addition:
• There is no known or anticipated
exposure to hazardous
materials/substances during
routine and anticipated use of
the product.
• The product’s shape, surface,
and design is more relevant than
its chemical composition.
These materials are not deemed by
Chomerics to require an MSDS. For
further questions, please contact
Chomerics at 781-935-4850.
* for T404/T414 only
Rolls of width
greater than 12”
are not available
with embossment
( )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com