Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLCD1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 35Page - STMicroelectronics ST7FLCD1 Datasheet HTML 36Page - STMicroelectronics ST7FLCD1 Datasheet HTML 37Page - STMicroelectronics ST7FLCD1 Datasheet HTML 38Page - STMicroelectronics ST7FLCD1 Datasheet HTML 39Page - STMicroelectronics ST7FLCD1 Datasheet HTML 40Page - STMicroelectronics ST7FLCD1 Datasheet HTML 41Page - STMicroelectronics ST7FLCD1 Datasheet HTML 42Page - STMicroelectronics ST7FLCD1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
39/95
ST7FLCD1
I/O Ports
7.4
Port B
Each Port B bit can be used as the Analog source to the Analog-to-Digital Converter.
Only one I/O line at a time must be configured as an analog input. Pins levels are all limited to 5V.
All unused I/O lines should be tied to an appropriate logic level (either VDD or VSS).
Since ADC and microprocessor are on the same chip and if high precision is required, the user
should not switch heavily loaded signals during conversion. Such switching will affect the supply
voltages used as analog references. The conversion accuracy depends on the quality of power
supplies (VDD and VSS). The user must take special care to ensure that a well regulated reference
voltage is present on pins VDD and VSS (power supply variations must be less than 3.3 V/ms). This
implies, in particular, that a suitable decoupling capacitor is used at pin VDD.
Table 12: Port B Description
PORT B
I / O
Alternate Function
Input1
1. Reset state.
Output
Signal
Condition
PB0
with Weak Pull-up
when Digital Input
Push-pull
Analog Input
(ADC):AIN0
ADON = 1 & CH[1:0] = 00 (ADCCSR)
PB1
with Weak Pull-up
when Digital Input
Push-pull
Analog Input
(ADC) AIN1
ADON = 1 & CH[1:0] = 01 (ADCCSR)
PB2
with Weak Pull-up
when Digital Input
Push-pull
Analog Input
(ADC) AIN2
ADON = 1 & CH[1:0] = 10 (ADCCSR)
PB3
with Weak Pull-up
when Digital Input
Push-pull
Analog Input
(ADC) AIN3/ IFR
ADON = 1 & CH[1:0] = 11 (ADCCSR) for analog
input. In this case, IFR is disabled.
Figure 19: Port B [2:0]
DR SEL
DDR SEL
Analog
switch
Analog enable
(ADC)
1
0
TTL Schmitt Trigger
DR
DDR
latch
latch
VDD
Analog enable
(ADC)
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com