Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRKCS220 Datasheet(PDF) 2 Page - International Rectifier

Part # IRKCS220
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKCS220 Datasheet(HTML) 2 Page - International Rectifier

  IRKCS220 Datasheet HTML 1Page - International Rectifier IRKCS220 Datasheet HTML 2Page - International Rectifier IRKCS220 Datasheet HTML 3Page - International Rectifier IRKCS220 Datasheet HTML 4Page - International Rectifier IRKCS220 Datasheet HTML 5Page - International Rectifier IRKCS220 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IRKCS220/030P
2
Bulletin I27255 09/06
www.irf.com
I
F(AV) Max. Average Forward
Per Module
220
A
50% duty cycle @ T
C = 95 °C, rectangular wave form
Current
Per Leg
110
I
FSM
Max. Peak One Cycle Non-Repetitive
18000
5μs Sine or 3μs Rect. pulse
Surge Current
2000
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
99
mJ
T
J = 25 °C, IAS = 15 Amps, L = 1mH
I
AR
Repetitive Avalanche Current
22
A
Current decaying linearly to zero in 1 μsec
Frequency limited by T
J max. VA = 1.5 x VR typical
Parameters
IRKCS220/030P
VR
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRM applied
Parameters
Values Units
Conditions
A
(1) Pulse Width < 500μs
TJ
Max. Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance, Junction
0.6
°C/W DC operation
to Case (Per Leg)
R
thCS Max. Thermal Resistance, case
0.1
°C/W Mounting Surface, smooth and greased
to Heatsink
wt
Approximate Weight
110 (4)
gr (oz)
T
Mounting Torque ± 10%
to heatsink
5
Nm
busbar
4
Case Style
TO - 240AA
JEDEC
Thermal-Mechanical Specifications
Parameters
Values Units
Conditions
V
FM
Max. Forward Voltage Drop
0.54
V
@ 110A
(1)
0.72
V
@ 220A
0.49
V
@ 110A
0.74
V
@ 220A
I
RM
Max. Reverse Leakage Current
10
mA
T
J =
25 °C
(1)
650
mA
T
J = 125 °C
CT
Max. Junction Capacitance
7400
pF
VR = 5VDC (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance
7.0
nH
From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ μs (Rated VR)
VINS
RMS isolation voltage (1 sec)
3500
V
50 Hz, circuit to base, all terminals shorted
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Parameters
Values Units
Conditions
Electrical Specifications
30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com