Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRKCS220 Datasheet(PDF) 4 Page - International Rectifier

Part # IRKCS220
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKCS220 Datasheet(HTML) 4 Page - International Rectifier

  IRKCS220 Datasheet HTML 1Page - International Rectifier IRKCS220 Datasheet HTML 2Page - International Rectifier IRKCS220 Datasheet HTML 3Page - International Rectifier IRKCS220 Datasheet HTML 4Page - International Rectifier IRKCS220 Datasheet HTML 5Page - International Rectifier IRKCS220 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IRKCS220/030P
4
Bulletin I27255 09/06
www.irf.com
Fig. 8 - Unclamped Inductive Test Circuit
FREE-WHEEL
DIODE
40HFL40S02
CURRENT
MONITOR
HIGH-SPEED
SWITCH
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 Volt
+
(2) Formula used: T
C
= T
J
- (Pd + Pd
REV
) x R
thJC
;
Pd = Forward Power Loss = I
F(AV)
x V
FM
@ (I
F(AV) /
D) (see Fig. 6);
Pd
REV
= Inverse Power Loss = V
R1
x I
R
(1 - D); I
R
@ V
R1
= 80% rated V
R
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Average Forward Current - IF
(AV) (A)
Average Forward Current - IF
(AV) (A)
Square Wave Pulse Duration - t
p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current
0
50
100
150
200
250
300
0
20
40
60
80
100
120
140
160
DC
Square wave (D=0.50)
80% rated Vr applied
see note (2)
0
20
40
60
80 100 120 140 160
0
20
40
60
80
100
180°
120°
90°
60°
30°
DC
10
100
1000
10000
100
1000
10000
100000
At Any Rated Load Condition
And With Rated Vrrm Applied
Following Surge



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com