Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE16-VMP6P Datasheet(PDF) 13 Page - Numonyx B.V

Part # M25PE16-VMP6P
Description  16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE16-VMP6P Datasheet(HTML) 13 Page - Numonyx B.V

Back Button M25PE16-VMP6P Datasheet HTML 9Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 10Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 11Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 12Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 13Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 14Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 15Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 16Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
M25PE16
Operating features
13/58
4.3
A fast way to modify data
The page program (PP) instruction provides a fast way of modifying data (up to 256
contiguous bytes at a time), provided that it only involves resetting bits to ‘0’ that had
previously been set to ‘1’.
This might be:
●
when the designer is programming the device for the first time
●
when the designer knows that the page has already been erased by an earlier page
erase (PE), subsector erase (SSE), sector erase (SE) or bulk erase (BE) instruction.
This is useful, for example, when storing a fast stream of data, having first performed
the erase cycle when time was available
●
when the designer knows that the only changes involve resetting bits to 0 that are still
set to ‘1’. When this method is possible, it has the additional advantage of minimizing
the number of unnecessary erase operations, and the extra stress incurred by each
page.
For optimized timings, it is recommended to use the page program (PP) instruction to
program all consecutive targeted bytes in a single sequence versus using several page
program (PP) sequences with each containing only a few bytes (see Section 6.10: Page
program (PP), Table 18: AC characteristics (50 MHz operation), and Table 19: AC
characteristics (75 MHz operation)).
4.4
Polling during a write, program or erase cycle
A further improvement in the time to write (PW, WRSR), program (PP) or erase (SE, SSE or
BE) can be achieved by not waiting for the worst case delay (tW, tPW, tPP, tPE, tSE, tSSE or
tBE). The write in progress (WIP) bit is provided in the status register so that the application
program can monitor its value, polling it to establish when the previous cycle is complete.
4.5
Reset
An internal power-on reset circuit helps protect against inadvertent data writes. Addition
protection is provided by driving Reset (Reset) Low during the power-on process, and only
driving it High when VCC has reached the correct voltage level, VCC(min).
4.6
Active power, standby power and deep power-down modes
When Chip Select (S) is Low, the device is selected, and in the active power mode.
When Chip Select (S) is High, the device is deselected, but could remain in the active power
mode until all internal cycles have completed (program, erase, write). The device then goes
in to the standby power mode. The device consumption drops to ICC1.
The deep power-down mode is entered when the specific instruction (the deep power-down
(DP) instruction) is executed. The device consumption drops further to ICC2. When in this
mode, only the release from deep power-down instruction is accepted. All other instructions
are ignored. The device remains in the deep power-down mode until the release from deep
power-down instruction is executed. This can be used as an extra software protection
mechanism, when the device is not in active use, to protect the device from inadvertent
write, program or erase instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com