Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE16-VMP6P Datasheet(PDF) 21 Page - Numonyx B.V

Part # M25PE16-VMP6P
Description  16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE16-VMP6P Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M25PE16-VMP6P Datasheet HTML 17Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 18Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 19Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 20Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 21Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 22Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 23Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 24Page - Numonyx B.V M25PE16-VMP6P Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
M25PE16
Instructions
21/58
Table 5.
Instruction set
Instruction
Description
One-byte Instruction
Code
Address
bytes
Dummy
bytes
Data
bytes
WREN
Write enable
0000 0110
06h
0
0
0
WRDI
Write disable
0000 0100
04h
0
0
0
RDID
Read identification
1001 1111
9Fh
0
0
1 to 3
RDSR
Read status register
0000 0101
05h
0
0
1 to
∞
WRSR
Write status register
0000 0001
01h
0
0
1
WRLR
Write to lock register
1110 0101
E5h
3
0
1
RDLR
Read lock register
1110 1000
E8h
3
0
1
READ
Read data bytes
0000 0011
03h
3
0
1 to
∞
FAST_READ
Read data bytes at higher
speed
0000 1011
0Bh
3
1
1 to
∞
PW
Page write
0000 1010
0Ah
3
0
1 to 256
PP
Page program
0000 0010
02h
3
0
1 to 256
PE
Page erase
1101 1011
DBh
3
0
0
SE
Sector erase
1101 1000
D8h
3
0
0
SSE
Subsector erase
0010 0000
20h
3
0
0
BE
Bulk erase
1100 0111
C7h
0
0
0
DP
Deep power-down
1011 1001
B9h
0
0
0
RDP
Release from deep
power-down
1010 1011
ABh
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com