Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P40-VMP6G/X Datasheet(PDF) 7 Page - Numonyx B.V

Part # M25P40-VMP6G/X
Description  4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P40-VMP6G/X Datasheet(HTML) 7 Page - Numonyx B.V

Back Button M25P40-VMP6G/X Datasheet HTML 3Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 4Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 5Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 6Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 7Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 8Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 9Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 10Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
M25P40
Description
7/53
Figure 2.
SO and VFQFPN connections
1.
There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to
VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Section 11: Package mechanical for package dimensions, and how to identify pin-1.
1
AI04091B
2
3
4
8
7
6
5
D
VSS
C
HOLD
Q
SVCC
W
M25P40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com