Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P40-VMP6G/X Datasheet(PDF) 1 Page - Numonyx B.V

Part # M25P40-VMP6G/X
Description  4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P40-VMP6G/X Datasheet(HTML) 1 Page - Numonyx B.V

  M25P40-VMP6G/X Datasheet HTML 1Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 2Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 3Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 4Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 5Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 6Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 7Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 8Page - Numonyx B.V M25P40-VMP6G/X Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
December 2007
Rev 15
1/53
1
M25P40
4 Mbit, low voltage, serial Flash memory
with 50 MHz SPI bus interface
Features
■ 4 Mbit of Flash memory
■ 2.3 V to 3.6 V single supply voltage
■ SPI bus compatible serial interface
■ 50 MHz clock rate (maximum)
■ Page Program (up to 256 bytes) in 1.5 ms
(typical)
■ Sector Erase (512 Kbit) in 1 s (typical)
■ Bulk Erase (4 Mbit) in 4.5 s (typical)
■ Deep Power-down mode 1 µA (typical)
■ Hardware Write Protection: protected area size
defined by three non-volatile bits (BP0, BP1
and BP2)
■ Electronic signatures
– JEDEC standard two-byte signature
(2013h)
– RES instruction, one-byte, signature (12h),
for backward compatibility
■ Packages
– ECOPACK® (RoHS compliant)
SO8 (MN)
150 mil width
VFQFPN8 (MP)
(MLP8)
www.numonyx.com


Similar Part No. - M25P40-VMP6G/X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P40-VMP6G/X STMICROELECTRONICS-M25P40-VMP6G/X Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
More results

Similar Description - M25P40-VMP6G/X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40 Datasheet
262Kb / 40P
4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
17-May-2004
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
10-Oct-2006
logo
AMIC Technology
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com