Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE10-VMP6P Datasheet(PDF) 7 Page - Numonyx B.V

Part # M25PE10-VMP6P
Description  1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE10-VMP6P Datasheet(HTML) 7 Page - Numonyx B.V

Back Button M25PE10-VMP6P Datasheet HTML 3Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 4Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 5Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 6Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 7Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 8Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 9Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 10Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
M25PE20, M25PE10
Description
7/64
Figure 3.
VFQFPN and SO connections
1.
There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to
VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
Figure 1.
Logic diagram - previous T7X
process
Figure 2.
Logic diagram - new T9HX
process
Table 1.
Signal names
Signal name
Function
Direction
C
Serial Clock
Input
D
Serial Data input
Input
Q
Serial Data output
Output
S
Chip Select
Input
TSL or W(1)
1.
In the previous T7X process the pin is a Top Sector Lock input whereas in the new T9HX process, the pin
is a Write Protect input (see Figure 1 and Figure 2).
Top Sector Lock or Write Protect
Input
Reset
Reset
Input
VCC
Supply voltage
–
VSS
Ground
–
Reset
AI09713
S
VCC
M25PE20
M25PE10
VSS
TSL
Q
C
D
Reset
AI13808
S
VCC
M25PE10
M25PE20
VSS
W
Q
C
D
1
AI09715b
2
3
4
8
7
6
5
D
VSS
C
Reset
Q
SVCC
TSL or W
M25PE20
M25PE10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com