Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE10-VMP6P Datasheet(PDF) 21 Page - Numonyx B.V

Part # M25PE10-VMP6P
Description  1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE10-VMP6P Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M25PE10-VMP6P Datasheet HTML 17Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 18Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 19Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 20Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 21Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 22Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 23Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 24Page - Numonyx B.V M25PE10-VMP6P Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
M25PE20, M25PE10
Instructions
21/64
6
Instructions
All instructions, addresses and data are shifted in and out of the device, most significant bit
first.
Serial Data input (D) is sampled on the first rising edge of Serial Clock (C) after Chip Select
(S) is driven Low. Then, the one-byte instruction code must be shifted into the device, most
significant bit first, on Serial Data input (D), each bit being latched on the rising edges of
Serial Clock (C).
The instruction set is listed in Table 7.
Every instruction sequence starts with a one-byte instruction code. Depending on the
instruction, this might be followed by address bytes, or by data bytes, or by both or none.
In the case of a Read Data Bytes (READ), Read Data Bytes at Higher Speed (Fast_Read),
Read Status Register (RDSR) or Read to Lock Register (RDLR) instruction, the shifted-in
instruction sequence is followed by a data-out sequence. Chip Select (S) can be driven High
after any bit of the data-out sequence is being shifted out.
In the case of a Page Write (PW), Page Program (PP), Page Erase (PE), SubSector Erase
(SSE), Sector Erase (SE), Bulk Erase (BE), Write Enable (WREN), Write Disable (WRDI),
Write Status Register (WRSR), Write to Lock Register (WRLR), Deep Power-down (DP) or
Release from Deep Power-down (RDP) instruction, Chip Select (S) must be driven High
exactly at a byte boundary, otherwise the instruction is rejected, and is not executed. That is,
Chip Select (S) must driven High when the number of clock pulses after Chip Select (S)
being driven Low is an exact multiple of eight.
All attempts to access the memory array during a Write cycle, Program cycle or Erase cycle
are ignored, and the internal Write cycle, Program cycle or Erase cycle continues
unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com