Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P10-AVMB3T/X Datasheet(PDF) 46 Page - Numonyx B.V

Part # M25P10-AVMB3T/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMB3T/X Datasheet(HTML) 46 Page - Numonyx B.V

Back Button M25P10-AVMB3T/X Datasheet HTML 42Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 43Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 44Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 45Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 46Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 47Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 48Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 49Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 50Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Package mechanical
M25P10-A
46/51
Figure 27.
VFQFPN8 (MLP8) 8-lead very thin fine pitch quad flat package no lead,
package outline
1.
Drawing is not to scale.
2.
The circle in the top view of the package indicates the position of pin 1.
Table 22.
VFQFPN8 (MLP8) 8-lead very thin fine pitch quad flat package no lead,
package mechanical data
Symbol
millimeter
inches
Typ
Min
Max
Typ
Min
Max
A
0.85
1.00
0.033
0.039
A1
0.00
0.05
0.000
0.002
A2
0.65
0.026
A3
0.20
0.008
b
0.40
0.35
0.48
0.016
0.014
0.019
D
6.00
0.236
D1
5.75
0.226
D2
3.40
3.20
3.60
0.134
0.126
0.142
E
5.00
0.197
E1
4.75
0.187
E2
4.00
3.80
4.20
0.157
0.150
0.165
e
1.27
0.050
L
0.60
0.50
0.75
0.024
0.020
0.029
θ
12°
12°
D
E
VFQFPN-01
A2
A
A3
A1
E1
D1
e
E2
D2
L
b
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com