Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P10-AVMB3T/X Datasheet(PDF) 20 Page - Numonyx B.V

Part # M25P10-AVMB3T/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMB3T/X Datasheet(HTML) 20 Page - Numonyx B.V

Back Button M25P10-AVMB3T/X Datasheet HTML 16Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 17Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 18Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 19Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 20Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 21Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 22Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 23Page - Numonyx B.V M25P10-AVMB3T/X Datasheet HTML 24Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Instructions
M25P10-A
20/51
6.4
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction allows the Status Register to be read. The
Status Register may be read at any time, even while a Program, Erase or Write Status
Register cycle is in progress. When one of these cycles is in progress, it is recommended to
check the Write In Progress (WIP) bit before sending a new instruction to the device. It is
also possible to read the Status Register continuously, as shown in Figure 10.
The status and control bits of the Status Register are as follows:
6.4.1
WIP bit
The Write In Progress (WIP) bit indicates whether the memory is busy with a Write Status
Register, Program or Erase cycle. When set to ‘1’, such a cycle is in progress, when reset to
‘0’ no such cycle is in progress.
6.4.2
WEL bit
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
When set to ‘1’ the internal Write Enable Latch is set, when set to ‘0’ the internal Write
Enable Latch is reset and no Write Status Register, Program or Erase instruction is
accepted.
6.4.3
BP1, BP0 bits
The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against program and erase instructions. These bits are written with the
Write Status Register (WRSR) instruction. When one or both of the Block Protect (BP1,
BP0) bits is set to ‘1’, the relevant memory area (as defined in Table 2) becomes protected
against Page Program (PP) and Sector Erase (SE) instructions. The Block Protect (BP1,
BP0) bits can be written provided that the Hardware Protected mode has not been set. The
Bulk Erase (BE) instruction is executed if, and only if, both Block Protect (BP1, BP0) bits are
0.
6.4.4
SRWD bit
The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write
Protect (W) signal. The Status Register Write Disable (SRWD) bit and Write Protect (W)
signal allow the device to be put in the Hardware Protected mode (when the Status Register
Write Disable (SRWD) bit is set to ‘1’, and Write Protect (W) is driven Low). In this mode, the
Table 6.
Status Register format
b7
b0
SRWD
0
0
0
BP1
BP0
WEL
WIP
Status Register Write Protect
Block Protect bits
Write Enable Latch bit
Write In Progress bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com