Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P16-VMP6G Datasheet(PDF) 51 Page - Numonyx B.V

Part # M25P16-VMP6G
Description  16 Mbit, serial Flash memory, 75 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P16-VMP6G Datasheet(HTML) 51 Page - Numonyx B.V

Back Button M25P16-VMP6G Datasheet HTML 47Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 48Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 49Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 50Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 51Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 52Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 53Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 54Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 55Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
M25P16
Package mechanical
51/55
Figure 31.
SO16 wide – 16-lead plastic small outline, 300 mils body width, package
outline
1.
Drawing is not to scale.
Table 21.
SO16 wide – 16-lead plastic small outline, 300 mils body width,
mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
2.35
2.65
0.093
0.104
A1
0.10
0.30
0.004
0.012
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.009
0.013
D
10.10
10.50
0.398
0.413
E
7.40
7.60
0.291
0.299
e
1.27
–
–
0.050
–
–
H
10.00
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.40
1.27
0.016
0.050
θ
0°
8°
0°
8°
ddd
0.10
0.004
E
16
D
C
H
1
8
9
SO-H
L
A1
A
ddd
A2
θ
B
e
h x 45˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com