Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P16-VMP6G Datasheet(PDF) 29 Page - Numonyx B.V

Part # M25P16-VMP6G
Description  16 Mbit, serial Flash memory, 75 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P16-VMP6G Datasheet(HTML) 29 Page - Numonyx B.V

Back Button M25P16-VMP6G Datasheet HTML 25Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 26Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 27Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 28Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 29Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 30Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 31Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 32Page - Numonyx B.V M25P16-VMP6G Datasheet HTML 33Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
M25P16
Instructions
29/55
Figure 15.
Page Program (PP) instruction sequence
1.
Address bits A23 to A21 are Don’t care.
C
D
AI04082B
S
42
41
43 44 45 46 47 48 49 50
52 53 54 55
40
C
D
S
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
Instruction
24-bit address
0
765432
0
1
Data byte 1
39
51
765432
0
1
Data byte 2
765432
0
1
Data byte 3
Data byte 256
765432
0
1
MSB
MSB
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com