Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IFR6015 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # IFR6015
Description  Ramp Test Set
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6015 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  IFR6015 Datasheet HTML 1Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 2Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 3Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 4Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 5Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 6Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 7Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 8Page - Aeroflex Circuit Technology IFR6015 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
TIS
Up to 5 static intruders may be simulated relative to the A/C (UUT).
TIS-B:
The user enters the A/C (UUT) LAT/LONG and heading.
Up to 5 static intruders may be simulated relative to the A/C (UUT).
General
Radiated Testing:
The IFR 6015 is supplied with a lightweight fully sealed directional
antenna that may be test set mounted, hand held or tripod mounted.
Direct Connect Testing:
The IFR 6015 may be directly connected to the UUT via a supplied
RF coax cable via the RF I/O port.
Transit Case:
The IFR 6015 is supplied in a rugged plastic transit case which pro-
vides stowage for the test set, directional antenna, RF coax cable,
antenna shield, breakout box, and power supply/charger.
S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
N
D
DM
ME
E M
MO
OD
DE
E S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
S
SIIG
GN
NA
AL
L G
GE
EN
NE
ER
RA
AT
TO
OR
R
A 5-minute warm-up period is required for all specifications.
O
OU
UT
TP
PU
UT
T F
FR
RE
EQ
QU
UE
EN
NC
CY
Y
REPLY FREQUENCY
Range
962 to 1213 MHz
Accuracy
± 10 kHz
O
OU
UT
TP
PU
UT
T L
LE
EV
VE
EL
L
ANTENNA PORT
Range
-67 to -2 dBm at Antenna port
Resolution
1 dB
Accuracy
± 2 dB
Distance to UUT antenna
6 to 300 ft with supplied antenna
RF I/O PORT
Range
-115 to -47 dBm
Resolution
1 dB
Accuracy
-95 dBm to –47 dBm
± 1 dB
Accuracy
-115 dBm to <-95 dBm
± 2 dB
R
RE
EP
PL
LY
Y P
PU
UL
LS
SE
E S
SP
PA
AC
CIIN
NG
G
P1 to P2
12
µs ± 100 ns (X Channel) @ 50% peak
P1 to P2
30
µs ± 100 ns (Y Channel) @ 50% peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com